Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC1213S065C1 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
ADC1213S065C1 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 39 page xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] Typical values measured at VDDA =3V, VDDD(1V8) = 1.8 V, Tamb =25 °C. Minimum and maximum values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDD(1V8) = 1.8 V; Vi(INP) − Vi(INM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless otherwise specified. 10.2 Clock and digital output timing [1] Typical values measured at VDDA =3V, VDDD(1V8) = 1.8 V, Tamb =25 °C. Minimum and maximum values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDD(1V8) = 1.8 V; Vi(INP) − Vi(INM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless otherwise specified. IMD intermodulation distortion fi = 3 MHz - 89 -- 89 -- 88 - - 89 - dBc fi = 30 MHz -88 - - 88- -88- - 88 - dBc fi = 70 MHz -87 - - 87- -86- - 86 - dBc fi = 170 MHz - 84 - - 85 - - 83 - - 84 - dBc α ct(ch) channel crosstalk fi = 70 MHz - 100 - - 100 - - 100 - - 100 - dBc Table 6. Dynamic characteristics …continued[1] Symbol Parameter Conditions ADC1213S065 ADC1213S080 ADC1213S105 ADC1213S125 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max Table 7. Clock and digital output characteristics [1] Symbol Parameter Conditions ADC1213S065 ADC1213S080 ADC1213S105 ADC1213S125 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max pins CLKP and CLKM fclk clock frequency 20 - 65 60 - 80 75 - 105 100 - 125 Msps tlat(data) data latency time clock cycles 307 - 850 250 - 283 190 - 226 160 - 170 ns δ clk clock duty cycle DCS_EN = logic 1 30 50 70 30 50 70 30 50 70 30 50 70 % td(s) sampling delay time - 0.8 - - 0.8 - - 0.8 - - 0.8 - ns twake wake-up time -76- -76- -76- -76- μs |
Número de pieza similar - ADC1213S065C1 |
|
Descripción similar - ADC1213S065C1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |