Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA208S-600B Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BTA208S-600B
Descripción Electrónicos  3Q Hi-Com Triac Triggering in three quadrants only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-600B Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA208S-600B_11 Datasheet HTML 1Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 2Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 3Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 4Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 6Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 7Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 8Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BTA208S-600B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 April 2011
3 of 13
NXP Semiconductors
BTA208S-600B
3Q Hi-Com Triac
Fig 1.
RMS on-state current as a function of heatsink
temperature; maximum values
Fig 2.
RMS on-state current as a function of surge
duration; maximum value
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
Tmb (°C)
−50
150
100
050
003aaf581
4
6
2
8
10
IT(RMS)
0
102
°C
(A)
0
5
10
15
20
25
surge duration (s)
10−2
10
1
10−1
003aaf617
IT(RMS)
(A)
003aaf618
4
8
12
Ptot
0
IT(RMS) (A)
0
10
8
46
2
2
6
10
(W)
101
105
109
117
121
125
113
Tmb(max)
(
°C)
α = 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α


Número de pieza similar - BTA208S-600B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
86Kb / 13P
   Three-quadrant triacs high commutation
Rev. 02-31 May 2005
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
More results

Descripción similar - BTA208S-600B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-600F NXP-BTA208S-600F Datasheet
164Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 5-13 April 2011
BTA208S-800B NXP-BTA208S-800B_11 Datasheet
176Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 03-14 April 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com