Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8035C1 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA8035C1
Descripción Electrónicos  Smart card interface externally by a resistor bridge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8035C1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8035C1 Datasheet HTML 5Page - NXP Semiconductors TDA8035C1 Datasheet HTML 6Page - NXP Semiconductors TDA8035C1 Datasheet HTML 7Page - NXP Semiconductors TDA8035C1 Datasheet HTML 8Page - NXP Semiconductors TDA8035C1 Datasheet HTML 9Page - NXP Semiconductors TDA8035C1 Datasheet HTML 10Page - NXP Semiconductors TDA8035C1 Datasheet HTML 11Page - NXP Semiconductors TDA8035C1 Datasheet HTML 12Page - NXP Semiconductors TDA8035C1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TDA8035HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.0 — 19 April 2011
9 of 32
NXP Semiconductors
TDA8035HN
Smart card interface
Fig 4.
Voltage supervisor
Fig 5.
Voltage supervisor
001aan748
debouncing
Tw
Tw
X
X
X
X
180 kHz
1.2 V
X
X
vsup
Vt
Vth_vddp_Ih
Supervisor outputs
Supervisor inputs
IC pins
reset
2 Tw
X
supalarm
Deep_shutdown
Oscint
VREG
VDDP
Vbg
OFFN
001aan749
Vddp
Vreg
Vsup
Vth_Vddp_Ih
Vth_vddp_hI
1
1
22
3 100 μs analog delay
3
Start debouncing if a card
has been inserted during
shutdown mode
Tw
2.65 V
2.5 V
1.8 V
Tw
Tw
Supalarm
Reset


Número de pieza similar - TDA8035C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8030 PHILIPS-TDA8030 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8030HL PHILIPS-TDA8030HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031HL PHILIPS-TDA8031HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
More results

Descripción similar - TDA8035C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com