Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK400-040 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza STK400-040
Descripción Electrónicos  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-040 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK400-040 Datasheet HTML 1Page - Sanyo Semicon Device STK400-040 Datasheet HTML 2Page - Sanyo Semicon Device STK400-040 Datasheet HTML 3Page - Sanyo Semicon Device STK400-040 Datasheet HTML 4Page - Sanyo Semicon Device STK400-040 Datasheet HTML 5Page - Sanyo Semicon Device STK400-040 Datasheet HTML 6Page - Sanyo Semicon Device STK400-040 Datasheet HTML 7Page - Sanyo Semicon Device STK400-040 Datasheet HTML 8Page - Sanyo Semicon Device STK400-040 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
Now, thick-film audio power amplifier ICs are available
with pin-compatibility to permit a single PCB to be
designed and amplifier output capacity changed simply by
installing a hybrid IC. This new series was developed
with this kind of pin-compatibility to ensure integration
between systems everywhere. With this new series of IC,
even changes from 3-channel amplifier to 2-channel
amplifiers are possible using the same PCB. In addition,
this new series of ICs has a 6/3
Ω drive in order to support
the low impedance of modern speakers.
Features
• Pin-compatible
STK400-000 series (3-channel, single package)
STK401-000 series (2-channel, single package)
• Output load impedance RL=6
Ω/3 Ω supported
• New pin assignment
To simplify input/output pattern layout and minimize
the effects of pattern layout on operational
characteristics, pin assignments are grouped into blocks
consisting of input, output and power systems.
• Few external circuits
Compared to those series used until now, capacitors and
bootstrap resistors for external circuits can be greatly
reduced.
Package Dimensions
unit : mm
4086A
Thick Film Hybrid IC
N3096 HA (OT)/D2894 TH(OT) No. 4830-1/10
[STK400-020]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
3-Channel AF Power Amplifier (Split Power Supply)
(15 W + 15 W +15 W min, THD = 0.4 %)
STK400-020
Ordering number : EN4830A
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±29
V
Thermal resistance
θj-c
Per power transistor
2.1
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature range
Tstg
–30 to +125
°C
Permissible load short time
ts
VCC = ±20 V, RL = 6 Ω, f = 50 Hz, PO = 15 W
1
s
Specifications
Maximum Ratings at Ta = 25°C


Número de pieza similar - STK400-040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK400-040 SANYO-STK400-040 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-040 SANYO-STK400-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-040 SANYO-STK400-040 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-040 SANYO-STK400-040 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-040 SANYO-STK400-040 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Descripción similar - STK400-040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com