Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK401-340 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza STK401-340
Descripción Electrónicos  AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-340 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK401-340 Datasheet HTML 1Page - Sanyo Semicon Device STK401-340 Datasheet HTML 2Page - Sanyo Semicon Device STK401-340 Datasheet HTML 3Page - Sanyo Semicon Device STK401-340 Datasheet HTML 4Page - Sanyo Semicon Device STK401-340 Datasheet HTML 5Page - Sanyo Semicon Device STK401-340 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STK400-030
No. 5703—5/6
Output power, PO - W
Input voltage, Vin - mVrms
Supply voltage, VCC - V
Output power, PO - W
Frequency, f - Hz
Frequency, f - Hz


Número de pieza similar - STK401-340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK401-340 SANYO-STK401-340 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-340 SANYO-STK401-340 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-340 SANYO-STK401-340 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK401-340 SANYO-STK401-340 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK401-340 SANYO-STK401-340 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Descripción similar - STK401-340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com