Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK400-710 Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza STK400-710
Descripción Electrónicos  AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-710 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK400-710 Datasheet HTML 2Page - Sanyo Semicon Device STK400-710 Datasheet HTML 3Page - Sanyo Semicon Device STK400-710 Datasheet HTML 4Page - Sanyo Semicon Device STK400-710 Datasheet HTML 5Page - Sanyo Semicon Device STK400-710 Datasheet HTML 6Page - Sanyo Semicon Device STK400-710 Datasheet HTML 7Page - Sanyo Semicon Device STK400-710 Datasheet HTML 8Page - Sanyo Semicon Device STK400-710 Datasheet HTML 9Page - Sanyo Semicon Device STK400-710 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
External Circuit Diagram
Heat Radiation Design Considerations
The radiator thermal resistance
θc-a required for total substrate power dissipation Pd in the STK400-290 is determined as:
Condition 1: IC substrate temperature Tc not to exceed 125°C.
Pd
× θc-a + Ta < 125°C ···························· (1)
where Ta is the assured ambient temperature.
Condition 2: Power transistor junction temperature Tj not to exceed 150°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C ······(2)
where N is the number of power transistors and
θj-c the thermal resistance per power transistor chip.
However, power transistor power consumption is Pd equally divided by N units.
Expressions (1) and (2) can be rewritten based on
θc-a to yield:
θc-a < (125–Ta)/Pd ····································(1)'
θc-a < (150–Ta)/Pd–θj-c/N························(2)'
The required radiator thermal resistance will satisfy both of these expressions.
From expressions (1)' and (2)', the required radiator thermal resistance can be determined once the following
specifications are known:
Supply voltage
VCC
Load resistance
RL
Assured ambient temperature
Ta
The total substrate power consumption when STK400-290 VCC is ±32 V and RL is 6 Ω, for a continuous sine wave
signal, is a maximum of 105 W (Figure. 1). In general, when this sort of continuous signal is used for estimation of
power consumption, the Pd used is 1/10th of PO max (slight variation depending on safety standard).
Pd = 66.5 W (1/10 PO max=during 5 W)
No. 4822-7/10
STK400-290


Número de pieza similar - STK400-710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK400-710 SANYO-STK400-710 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-710 SANYO-STK400-710 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-710 SANYO-STK400-710 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-710 SANYO-STK400-710 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-710 SANYO-STK400-710 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Descripción similar - STK400-710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com