Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16-02V Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BAS16-02V
Descripción Electrónicos  Silicon Switching Diode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16-02V Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS16-02V Datasheet HTML 1Page - Infineon Technologies AG BAS16-02V Datasheet HTML 2Page - Infineon Technologies AG BAS16-02V Datasheet HTML 3Page - Infineon Technologies AG BAS16-02V Datasheet HTML 4Page - Infineon Technologies AG BAS16-02V Datasheet HTML 5Page - Infineon Technologies AG BAS16-02V Datasheet HTML 6Page - Infineon Technologies AG BAS16-02V Datasheet HTML 7Page - Infineon Technologies AG BAS16-02V Datasheet HTML 8Page - Infineon Technologies AG BAS16-02V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2009-09-28
2
BAS16...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage
VRM
85
Forward current
BAS16
BAS16-02L, -07L4
BAS16-02V, -02W
BAS16-03W
BAS16S
BAS16U
BAS16W
IF
250
200
200
250
200
200
250
mA
Non-repetitive peak surge forward current
t = 1 µs, BAS16/ S/ U/ W/ -03W
t = 1 µs, BAS16-02L/ -02V/ -02W/ -07L4
t = 1 s
IFSM
4.5
2.5
0.5
A
Total power dissipation
BAS16, TS ≤ 54 °C
BAS16-02L, -07L4, TS ≤ 130 °C
BAS16-02V, -02W, TS ≤ 120 °C
BAS16-03W, TS ≤ 116 °C
BAS16S, TS ≤ 85 °C
BAS16U, TS ≤ 113 °C
BAS16W, TS ≤ 119 °C
Ptot
370
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ...150


Número de pieza similar - BAS16-02V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAS16-02V INFINEON-BAS16-02V Datasheet
517Kb / 10P
   Silicon Switching Diode
Dec-04-2003
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
More results

Descripción similar - BAS16-02V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com