Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción

STK4142 Datasheet(Hoja de datos) 1 Page - Sanyo Semicon Device

No. de Pieza. STK4142
Descripción  AF Power Amplifier (Split Power Supply)
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  http://www.ssdc-jp.com/eng/
Logo 
   
 1 page
background image
STK4142II
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
70397HA (ID) / O138YT / 9068MO, TS No. 2665—1/8
Ordering number: EN2665B
Thick Film Hybrid IC
AF Power Amplifier (Split Power Supply)
(25W + 25W min, THD = 0.4%)
Features
• The STK4102II series (STK4142II) and STK4101V
series (high-grade type) are pin-compatible in the out-
put range of 6W to 50W and enable easy design.
• Small-sized package whose pin assignment is the same
as that of the STK4101II series
• Built-in muting circuit to cut off various kinds of pop
noise
• Greatly reduced heat sink due to substrate temperature
125
°C guaranteed
• Excellent cost performance
Package Dimensions
unit: mm
4040
[STK4142II]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±39
V
Thermal resistance
θj-c
2.6
°C/W
Junction Temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = ±26V, RL = 8Ω, f = 50Hz, Po = 25W
2
s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
±26
V
Load resistance
RL
8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
STK401-070AF Power Amplifier Split Power Supply 40 W + 40 W min THD = 0.4%   1 2 3 4 5 MoreSanyo Semicon Device
STK4024IIAF Power Amplifier Split Power Supply 20 W min THD = 0.4%   1 2 3 4 Sanyo Semicon Device
STK4038IIAF Power Amplifier Split Power Supply 60 W min THD = 0.4%   1 2 3 Sanyo Semicon Device
STK4048V150 W min AF Power Amplifier Split Power Supply 1 2 3 Sanyo Semicon Device
STK4121VAF Power Amplifier Split Power Supply 15 W + 15 W min THD = 0.08 % 1 2 3 Sanyo Semicon Device
STK4201II2ch AF Power Amplifier Split Power Supply 60W + 60W min THD = 0.4%   1 2 3 4 5 MoreSanyo Semicon Device
STK401-080AF Power Amplifier Split Power Supply 45 W + 45 W min THD = 0.4%    1 2 3 4 5 MoreSanyo Semicon Device
STK4024VAF Power Amplifier Split Power Supply 20 W min THD = 0.08% 1 2 3 4 5 Sanyo Semicon Device
STK4038XAF Power Amplifier Split Power Supply 60 W min THD = 0.008%   1 2 3 Sanyo Semicon Device
STK4048XIAF Power Amplifier Split Power Supply 150 W min THD = 0.008%   1 2 3 4 5 MoreSanyo Semicon Device

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl