Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK740-411 Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
STK740-411 Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 10 page STK740-470 No.6107–2/10 Electrical Characteristics at Tc = 25˚C, in the specified circuit, VIN = 12V, IO = 1A, unless othrwise specified Specifications Maximum Ratings at Ta = 25˚C, Tc = 25˚C, unless otherwise specified. ˚C ˚C Recommended Operating Conditions at Ta = 25˚C Series Construction This product is listed in a product series due to its property such as output voltage, output current, package, and other similar items. Since some prducts listed in the table below is under development, please refer to your Sanyo sales representative for details. Type number Input voltage 4 to 8V 4 to 8V 4 to 8V 8 to 18V 2.5V 2.5V 3.3V 5.0V Output voltage Output current Package dimensions (output pins not included) STK740-411 STK740-420 STK740-441 STK740-450 STK740-471 STK740-470 STK740-480 STK740-490 ∗ ∗ 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 5A 10A 5A 10A 5A 5A 10A 15A ˚C ˚C mV/˚C Tc=+25 to +85˚C r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e r u t a r e p m e t e t a r t s b u s C I g n i t a r e p Ox a m c T 5 0 1 + e r u t a r e p m e t g n i t a r e p Or p o T 5 8 + o t 0 1 – e r u t a r e p m e t e g a r o t Sg t s T 5 1 1 + o t 0 3 – e g a t l o v t u p n i C DV N I x a m2 1 d n a , 1 1 , 6 s n i P 0 2V r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e r u t a r e p m e t e t a r t s b u s C I g n i t a r e p Oc T 5 8 + o t 0 e g a t l o v t u p n i C DV N I t i u c r i c d e d n e m m o c e r e h t n I 6 1 o t 8V t n e r r u c d a o Lo It i u c r i c d e d n e m m o c e r e h t n I 5 o t 1A r e t e m a r a Pl o b m y Ss n o i t i d n o C s g n i t a R t i n U n i mp y tx a m e g a t l o v t u p t u Oo V9 . 40 . 51 . 5V n o i t a l u g e r e n i L ∆ L V V N I V 6 1 o t V 8 =– 0 0 1– V m n o i t a l u g e r d a o L ∆ O V A 5 o t A 1 = o I– 0 0 1– V m y c n e i c i f f E η A 5 . 2 = o I– 0 9– % y c n e u q e r f g n i t a r e p Oc s o f5 40 55 5z H k t n e r r u c f f o t u CI T U C e d o m h c t a l , n i p 6– 6 . 1– A m t i u c r i c f f o / n Of f o Vn i p 1– 2 2 . 02 3 . 0V t n e i c i f f e o c e r u t a r e p m e t e g a t l o v t u p t u OT O V C –7 . 1 ±– * : Under planning |
Número de pieza similar - STK740-411 |
|
Descripción similar - STK740-411 |