Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ73ALH Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BUZ73ALH
Descripción Electrónicos  SIPMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ73ALH Datasheet(HTML) 1 Page - Infineon Technologies AG

  BUZ73ALH Datasheet HTML 1Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 2Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 3Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 4Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 5Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 6Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 7Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 8Page - Infineon Technologies AG BUZ73ALH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 2.4
Page 1
2009-11-10
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• Logic Level
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Pb-free
BUZ 73 AL H
200 V
5.5 A
0.6
PG-TO220-3
Yes
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 37 ˚C
ID
5.5
A
Pulsed drain current
TC = 25 ˚C
IDpuls
22
Avalanche current,limited by Tjmax
IAR
7
Avalanche energy,periodic limited by Tjmax
EAR
6.5
mJ
Avalanche energy, single pulse
ID = 7 A, VDD = 50 V, RGS = 25
L
= 3.67 mH, Tj = 25 ˚C
EAS
120
Gate source voltage
VGS
± 20
V
ESD-Sensitivity HBM as per MIL-STD 883
Class 1
Power dissipation
TC = 25 ˚C
Ptot
40
W
Operating temperature
Tj
-55 ... + 150
˚C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
3.1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56
BUZ 73AL H
. Halogen-free according to IEC61249-2-21


Número de pieza similar - BUZ73ALH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
Infineon Technologies A...
BUZ73AL INFINEON-BUZ73AL Datasheet
83Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ73AL ISC-BUZ73AL Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUZ73ALH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com