Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD1P0RF Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza ESD1P0RF
Descripción Electrónicos  RF ESD Protection Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD1P0RF Datasheet(HTML) 3 Page - Infineon Technologies AG

  ESD1P0RF Datasheet HTML 1Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 2Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 3Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 4Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 5Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 6Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 7Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 8Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ESD1P0RF...
Forward clamping voltage VFC = ƒ(IPP)
tp = 8 / 20 µs
1
2
3
4
5
6
7
8
A
10
Ipp
0
1
2
3
4
5
6
7
8
9
10
V
12
Reverse current IR = ƒ(VR)
TA = Parameter
in rail-to-rail configuration
0
10
20
30
40
50
V
70
VR
-12
10
-11
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
A
-40°C
25°C
85°C
125°C
Forward current IF = ƒ (VF)
TA = Parameter
in anti-parallel configuration
-600
-400
-200
0
200
mV
600
VF
-100
-80
-60
-40
-20
0
20
40
60
µA
100
-40°C
-40°C
25°C
25°C
85°C
85°C
125°C
125°C
Line capacitance CT = ƒ (f)
VR = 0 V
0
500
1000
MHz
2000
f
0
0.5
1
1.5
2
pF
3


Número de pieza similar - ESD1P0RF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UN Semiconducctor INC
ESD1.8V02D-C UNSEMI-ESD1.8V02D-C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V02DS-C UNSEMI-ESD1.8V02DS-C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V88D-CDN UNSEMI-ESD1.8V88D-CDN Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V88DS-CDN UNSEMI-ESD1.8V88DS-CDN Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Cooper Bussmann, Inc.
ESD10 COOPER-ESD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Descripción similar - ESD1P0RF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD0P8RFL INFINEON-ESD0P8RFL Datasheet
551Kb / 7P
   RF ESD Protection Diodes
2009-02-19
ESD0P8RFL INFINEON-ESD0P8RFL_11 Datasheet
555Kb / 7P
   RF ESD Protection Diodes
2011-06-27
ESD0P4RFL INFINEON-ESD0P4RFL Datasheet
536Kb / 7P
   RF ESD Protection Diodes
2009-02-18
ESD0P4RFL INFINEON-ESD0P4RFL_11 Datasheet
540Kb / 7P
   RF ESD Protection Diodes
2011-06-27
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
   Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com