Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD5V0S1U-03W Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza ESD5V0S1U-03W
Descripción Electrónicos  Silicon TVS Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V0S1U-03W Datasheet(HTML) 1 Page - Infineon Technologies AG

  ESD5V0S1U-03W Datasheet HTML 1Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 2Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 3Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 4Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 5Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 6Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 7Page - Infineon Technologies AG ESD5V0S1U-03W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2007-12-07
1
ESD5V0S...
Silicon TVS Diodes
• ESD / transient protection of data and power lines
in 3.3 V / 5 V applications according to:
IEC61000-4-2 (ESD):
± 30 kV (contact)
IEC61000-4-4 (EFT): 80 A (5/50 ns)
IEC61000-4-5 (surge): 40 A/600 W (8/20 µs)
• Max. working voltage: 5 V
• Low clamping voltage
• Low reverse current
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Applications
• Uni or bi-directional operation possible
(see application example page 5)
• Mobile communication
• Consumer products (STB, MP3, DVD, DSC...)
• LCD displays, camera
• Notebooks and desktop computers, peripherals
ESD5V0S1U-03W
ESD5V0S2U-06
3
1
D2
2
D1
1
2
Type
Package
Configuration
Marking
ESD5V0S1U-03W
ESD5V0S2U-06
SOD323
SOT23
1 line, uni-directional
2 lines, uni-directional
E/yellow
E5


Número de pieza similar - ESD5V0S1U-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
   Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
More results

Descripción similar - ESD5V0S1U-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
   Silicon TVS diodes
2009-02-18
ESD24VS2U INFINEON-ESD24VS2U_11 Datasheet
624Kb / 10P
   Silicon TVS diodes
2011-12-05
DSL70 INFINEON-DSL70 Datasheet
797Kb / 6P
   Silicon TVS diodes Array
2009-03-11
DSL70 INFINEON-DSL70_11 Datasheet
799Kb / 6P
   Silicon TVS diodes Array
2011-06-17
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com