Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP20R06W1E3 Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza FP20R06W1E3
Descripción Electrónicos  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP20R06W1E3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FP20R06W1E3 Datasheet HTML 1Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 2Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 3Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
!
!
!
"
P
: B
G
,
?
,
9RS 1 (T>
*778
!
*
,
:
>
;
2m
6
P
:
B
G
?
;
V 1
2m78
"
6
C
G
,
2n
*7 1
*U V 1
U 9RS 1
(T>
*7 1
*U V 1
U 9RS 1 ( T>
2n
" U
"(U
6n
6n
#
$
=
:
,
;
,
2m 1
6U *W/ 1
*
2m 1
6U *W/ 1
*
2m 1
6U *W/ 1
*
*m
U!
U((
U(
U
*
*
*
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
MK ?
G
?
2m 1
6U
m-
1
6-[ %9RS1 ( T>)
*7 1 '
*
*W/ 1
( *
278
'"U
' U
" U
6
6
6
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
B
GN,
,
,
: ,
2m 1
6U
m-
1
6-[ %9RS1 ( T>)
*7 1 '
*
*W/ 1
( *
Z_
U
U (
U
[>
[>
[>
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
6
:
,
P
,
2m 1
6U
m-
1
6-[ %9RS1 ( T>)
*7 1 '
*
*W/ 1
( *
&_^o
U
U'
U"
c
c
c
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
2
L+
;
:
U g
-
MFYh.
U (
U (
-L
i
,
, L+
;
:
U
:
?
-
jVEDF^ 1
L-% f ) -
jk_^ED^ 1
L-% f )
MFY.l
U'(
-L
!
"
P
: MK ?; B
G
,
?
,
9RS 1 (T>
*778
!
*
:
C
G
? ;
;
M B
=
9. 1
T>
2m7808
'
6
C
:
:
6
,
, C
G
?
=
M B
M
9. 1
T>
27808
'
6
B p
C
G;
,
;
q 1
U 9RS 1 (T>
q 1
U 9RS 1 ( T>
2m08
'
"(
6
6
C
G
,
2n
q 1
U 9RS 1 (T>
q 1
U 9RS 1 ( T>
2n
"(
'
6n
6n
#
$
=
:
,
;
,
9RS 1 ( T>U 2m 1
6
*m
U
*
B
9RS 1 ( T>U *7 1 !
*
27
U
6
2
L+
;
:
U g
MFYh.
U
U'(
-L
i
,
, L+
;
:
U
:
?
-
jVEDF^ 1
L-% f ) -
jk_^ED^ 1
L-% f )
MFY.l
U (
-L


Número de pieza similar - FP20R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
963Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3_13 Datasheet
963Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11_13 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Descripción similar - FP20R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com