Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP20R06W1E3 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza FP20R06W1E3
Descripción Electrónicos  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP20R06W1E3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FP20R06W1E3 Datasheet HTML 1Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 2Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 3Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP20R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
*
!
!
#
% $
!
"
?
&
B
,
,
9RS 1 (T>
*./0
!
*
?
,
:
>
9. 1
T>U 9RS 1
(T>
9. 1 (T>U 9RS 1
(T>
2.345
2.
6
6
P
:
?
B
G
?
V 1
2.78
"
6
C
*
,
;
9. 1 (T>U 9RS 1
(T>
PF4F
"U
L
C
&
B
G
,
,
?
,
*W/0
X-
*
#
$
=
?
&
B+ ,
,
,
,
2. 1
6U *W/ 1 ( *
2. 1
6U *W/ 1 ( *
2. 1
6U *W/ 1 ( *
*./ DEF
U((
U
U
U
*
*
*
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
C
B :;
,
,
:
:
,
2. 1 U'
6U *./ 1 *W/U 9RS 1 (T>
*W/FY
"U
(U
!U(
*
C
,
,
: ,
*W/ 1
( *
X ( *
ZW
U
[>
2
C
;
,
9RS 1 (T>
MW\3F
U
]
& ,
, ?
G +
1
<GU 9RS 1 (T>U *./ 1 ( *U *W/ 1
*
>\^D
U
@
MK ?; ?
, ?
G +
1
<GU 9RS 1 (T>U *./ 1 ( *U *W/ 1
*
>_^D
U '"
@
?
&
M
*./ 1 !
*U *W/ 1
*U 9RS 1 (T>
2./0
U
6
C
&
M
,
? ,
*./ 1
*U *W/ 1
*U 9RS 1 (T>
2W/0
"
6
&
:
GN,
, G
%
$
)
%
)
2. 1
6U *./ 1 '
*
*W/ 1 ` ( *
MW43 1 ' ]
a 43
U '
U '
U '
[
[
[
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
6
, G
%
?
$
)
%
)
2. 1
6U *./ 1 '
*
*W/ 1 ` ( *
MW43 1 ' ]
_
U
U
U '
[
[
[
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
6
:
GN,
, G
%
$
)
%
)
2. 1
6U *./ 1 '
*
*W/ 1 ` ( *
MW4bb 1 ' ]
a 4bb
U
U "
U (
[
[
[
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
@
G
%
?
$
)
%
)
2. 1
6U *./ 1 '
*
*W/ 1 ` ( *
MW4bb 1 ' ]
b
U
U
U
[
[
[
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
&
:
,
P
,
2. 1
6U *./ 1 '
*U $0 1
<
*W/ 1 ` ( *
MW43 1 ' ]
&43
U"(
U((
U!
c
c
c
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
6
:
,
P
,
2. 1
6U *./ 1 '
*U $0 1
<
*W/ 1 ` ( *
MW4bb 1 ' ]
&4bb
U(
U(!
U!
c
c
c
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>
G
:
:
B>
*W/ d ( *U *.. 1 '! *
*./5Ee 1 *./0 $D./ f
-
20.
"
6
6
9RS 1 (T>
9RS 1 ( T>
V d
[ U
V d ! [ U
2
L+
;
:
U g
2C 9 -
2C 9
MFYh.
U"(
U!
-L
i
,
, L+
;
:
U
:
?
2C 9 -
2C 9
jVEDF^ 1
L-% f ) - jk_^ED^ 1
L-% f )
MFY.l
U (
-L


Número de pieza similar - FP20R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
963Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3_13 Datasheet
963Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11_13 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Descripción similar - FP20R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com