Nombre de pieza
         Descripción
2N3439

 HIGH VOLTAGE NPN TRANSISTORS ( 2 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 50mA
2N3439
IC = 50mA
2N3440
VCE = 300V
2N3439
VCE = 200V
2N3440
VCE = 450V
2N3439
VCE = 300V
2N3440
VCB = 350V
2N3439
VCB = 250V
2N3440
VEB = 6V
IC = 50mA
IB = 4mA
IC = 50mA
IB = 4mA
IC = 20mA
VCE = 10V
IC = 2mA
VCE = 10V
VCEO(sus)* Collector – Emitter Sustaining Voltage
(IB = 0)
ICEO
Collector Cut-off Current
(IB = 0)
ICEX
Collector Cut-off Current
(VBE = -1.5V)
ICBO
Collector – Base Cut-off Current
(IE = 0)
IEBO
Emitter Cut-off Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
2N3439
2N3440
Prelim.12/99
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
fT
Transition Frequency
Cob
Output Capacitance
hfe
Small Signal Current Gain
IC = 10mA
VCE = 10V
f = 5MHz
VCB = 10V
f = 1MHz
IC = 5mA
VCE = 10V
f = 1kHz
15
10
25
MHz
pF
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
350
250
20
50
500
500
20
20
20
0.5
1.3
40
160
30
V
mA
µA
µA
µA
V
V
2N3439 only
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
THERMAL DATA
Parameter
Min.
Typ.
Max.
Unit
RqJA
Thermal Resistance Junction to Ambient
175
°C/W
RqJC
Thermal Resistance Junction to Case
35
°C/W
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BULT118HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BUX48CHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
MPS-A42NPN SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS 1 2 Micro Electronics
2N6497High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
2N3902HIGH VOLTAGE NPN SILICON TRANSISTORS 1 2 3 4 Boca Semiconductor Corporation
BUL381DHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
ST13007NHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
CYTA44DSURFACE MOUNT DUAL ISOLATED NPN HIGH VOLTAGE SILICON TRANSISTORS 1 2 Central Semiconductor Corp
2N5679PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS 1 2 Boca Semiconductor Corporation
CYTA4494DSURFACE MOUNT DUAL ISOLATED COMPLEMENTARY NPN & PNP HIGH VOLTAGE SILICON TRANSISTORS 1 2 Central Semiconductor Corp

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl