Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1213D_1106 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza ADC1213D_1106
Descripción Electrónicos  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D_1106 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1213D_1106 Datasheet HTML 5Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 6Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 7Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 8Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 9Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 10Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 11Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 12Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ADC1213D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
9 of 42
NXP Semiconductors
ADC1213D series
Dual 12-bit ADC; serial JESD204A interface
[1]
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature
range Tamb = 40 C to +85 C at VDDA =3 V, VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode;
100
 differential applied to serial outputs; unless otherwise specified.
MG(CTC)
channel-to-channel gain
matching
-1.1
-
%
Supply
PSRR
power supply rejection
ratio
200 mV (p-p) on pin
VDDA; fi =DC
-
54
-
dB
Table 5.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - ADC1213D_1106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
More results

Descripción similar - ADC1213D_1106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com