Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3904 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza 2N3904
Descripción Electrónicos  GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3904 Datasheet(HTML) 2 Page - Seme LAB

  2N3904 Datasheet HTML 1Page - Seme LAB 2N3904 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3904
Prelim. 7/00
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
ft
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hoe
Output Admittance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
NF
Noise Figure
300
4
8
110
140
0.5
8
100
400
5
35
35
200
50
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
* Pulse Test: tp £ 300ms, d£ 2%.
40
60
6
50
50
0.2
0.3
0.65
0.85
0.95
40
70
100
300
60
30
IC = 1mA
IB = 0
IC = 10mAIE = 0
IE = 10mAIC = 0
VCE = 30V
VEB = 3V
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 0.1mA
IC = 1mA
VCE = 1V
IC = 10mA
IC = 50mA
IC = 100mA
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
IBL
Base Cut-off Current
ICEX
Collector – Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
V
nA
V
V
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
VCE = 20V
IC = 10mA
f = 100MHz
VCB = 5V
IE = 0
f = 1MHz
VBE = 0.5V
IC = 0
f = 1MHz
VCE = 10V
IC = 1mA
f = 1kHz
VCE = 5V
IC = 100mA
f = 1kHz
RS = 1kW
VCC = 3V
VBE = 0.5V
IC = 10mA
IB1 = 1mA
VCC = 3V
VBE = 0.5V
IB1 = IB2 = 1mA
MHz
pF
pF
k
W
mhmos
x 10-4
dB
ns
SMALL SIGNAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
SWITCHING CHARACTERISTICS (TA = 25°C unless otherwise stated)


Número de pieza similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Daya Electric Group Co....
2N3904 DAYA-2N3904 Datasheet
188Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rochester Electronics
CA3082 ROCHESTER-CA3082 Datasheet
607Kb / 1P
   HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
logo
Seme LAB
BCX19CSM4 SEME-LAB-BCX19CSM4 Datasheet
16Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3904CSM SEME-LAB-2N3904CSM Datasheet
21Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
   GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
2N5550 SEMTECH-2N5550 Datasheet
131Kb / 2P
   NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
Hi-Sincerity Mocroelect...
HMBT5551 HSMC-HMBT5551 Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR(for general purpose applications requiring high Breakdown Voltages )
logo
Seme LAB
2N2484CSM SEME-LAB-2N2484CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N930CSM SEME-LAB-2N930CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com