Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5014 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N5014
Descripción Electrónicos  SILICON EPITAXIAL NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5014 Datasheet(HTML) 1 Page - Seme LAB

  2N5014 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Prelim. 8/96
2N5014
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
SILICON EPITAXIAL
NPN TRANSISTOR
FEATURES
General purpose power transistor for switch-
ing and linear applications in a hermetic
TO–39 package.
VCBO
Collector – Base Voltage
VCER
Collector – Emitter Voltage
R = 10
W
VEBO
Emitter – Base Reverse Voltage
IC
Continuous Collector Current
PTOT
Total Device Dissipation
TC = 25°C
TJ
Maximum Operating Junction Temperature
TSTG
and Storage Temperature Range
900V
900V
5V
2W
3.5A
200°C
-55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–39 PACKAGE
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
PIN 1 – Emitter
PIN 2 – Base
PIN 3 – Collector
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0 . 2 40)
6. 6 0 ( 0 . 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0 . 2 00)
ty p .
45 °
1
2
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
ICBO
Collector Base Leakage Current
hFE
D.C Current Gain
fae
VCB = 900V
VCE = 10V
IC =0.02A
0.012
20
180
20
mA
MHz


Número de pieza similar - 2N5014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N5014 ETC-2N5014 Datasheet
284Kb / 6P
   0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Solid States Devices, I...
2N5014 SSDI-2N5014 Datasheet
74Kb / 2P
   0.5 AMP 800 - 1000 Volts NPN Transistor
logo
Microsemi Corporation
2N5014 MICROSEMI-2N5014 Datasheet
51Kb / 3P
   NPN SILICON TRANSISTOR
2N5014 MICROSEMI-2N5014 Datasheet
60Kb / 4P
   NPN SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
36Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results

Descripción similar - 2N5014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com