Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZN6312 Datasheet(PDF) 4 Page - Solid States Devices, Inc

No. de pieza SZN6312
Descripción Electrónicos  2.4 ??200 VOLTS ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN6312 Datasheet(HTML) 4 Page - Solid States Devices, Inc

  SZN6312 Datasheet HTML 1Page - Solid States Devices, Inc SZN6312 Datasheet HTML 2Page - Solid States Devices, Inc SZN6312 Datasheet HTML 3Page - Solid States Devices, Inc SZN6312 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00011F
DOC
AXIAL (__)
DIM
MIN.
MAX
A
.055”
.090”
B
.090”
.200”
C
1.00”
D
.017”
.022”
SQUARE TAB (SMS)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.070”
.085”
B
.175”
.215”
C
.022”
.028”
D
Body to Tab
Clearance: .001”


Número de pieza similar - SZN6312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN6486 SSDI-SZN6486 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6487 SSDI-SZN6487 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6488 SSDI-SZN6488 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Descripción similar - SZN6312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
   200 mW Zener Diode 2.4~75 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com