Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP89JCN3HATR Datasheet(PDF) 3 Page - GREATECS

No. de pieza TP89JCN3HATR
Descripción Electrónicos  5x5mm SMT Halogen-Free Tactile Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GREATECS [GREATECS]
Página de inicio  http://www.greatecs.com
Logo GREATECS - GREATECS

TP89JCN3HATR Datasheet(HTML) 3 Page - GREATECS

  TP89JCN3HATR Datasheet HTML 1Page - GREATECS TP89JCN3HATR Datasheet HTML 2Page - GREATECS TP89JCN3HATR Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tactile Switches
5x5mm SMT Halogen-Free Tactile Switches
TP89 Series
sales@greatecs.com
www.greatecs.com
3
Temperature Profile:
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
General Tolerance ±0.1mm
SOLDERING PROCESS
> Hand Soldering:
Use a soldering iron of 30 watts, controlled at 350°C approximately Max 5 seconds while applying solder.
> Vapor phase & reflow soldering:
Tape & Reel Packaging:
Gull Wing Terminals:
J Bend Terminals:
TP89SG...3...
TP89SG...2...
General Tolerance ±0.1mm
TP89JG...3...
TP89JG...2...


Número de pieza similar - TP89JCN3HATR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TP89R103NL TOSHIBA-TP89R103NL Datasheet
259Kb / 9P
   MOSFETs Silicon N-channel MOS (U-MOS-H)
Rev.2.0
More results

Descripción similar - TP89JCN3HATR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GREATECS
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
   6x6 mm SMT Halogen-Free Tactile Switches
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
GREATECS
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
DX48H GREATECS-DX48H Datasheet
182Kb / 5P
   SMT Half Pitch Type Halogen-Free DIP Switches
TP36 GREATECS-TP36 Datasheet
134Kb / 1P
   Long Travel SMT Tactile Switches
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com