Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD15-12S15 Datasheet(PDF) 2 Page - Make-Ps

No. de pieza LCD15-12S15
Descripción Electrónicos  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAKE-PS [Make-Ps]
Página de inicio  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

LCD15-12S15 Datasheet(HTML) 2 Page - Make-Ps

  LCD15-12S15 Datasheet HTML 1Page - Make-Ps LCD15-12S15 Datasheet HTML 2Page - Make-Ps LCD15-12S15 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.make-ps.com
E-mail:info@make-ps.com
Input Specifications
Output Specifications
General Specifications
2/3
Temperature Coefficinet:±0.05%/
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
2:1
12 Vin
9 / 8
VDC
24 Vin
17.0 / 16.5
VDC
Start-up voltage /
under voltage shut down
48 Vin
33.0 / 30.5
VDC
Filter
Pi Network
Protection
Fuse Recommended
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
±
2
%
Output voltage adj. range
only for single output models
±
10
%
single output
0.5
%
Line Regulation
(Vmin – Vmax)
dual output
0.5
%
single output
0.5
%
Load Regulation
(25 %F.L– 100%F.L)
dual output models balanced load
1.0
%
Minimum load
required
0
10
%
Rippleandnoise(20MHzbandwidth)
with external capacitor see application note.
100
mVp-p
Output current limitation
at 150 % typ.of Iout max., constant current
Short circuit protection
automatic recovery
3.3VDC
3.7
5.4
Vout
5VDC
5.6
7.0
Vout
12VDC
13.5
19.6
Vout
Over voltage protection
15VDC
16.8
20.5
Vout
Start up time
nominal Vin and constant resistive load
450
ms
Transient response setting time
25% load step change
250
us
3.3 & 5 VDC
1000
uF
12 VDC
330
uF
15 VDC
220
uF
±
12 VDC
±
150
uF
Max. capacitive load
±
15 VDC
±
100
uF
Parameters
Conditions
Min
Typ
Max
Units
Operating(with derating)
-40
+85
Case temperature
+100
Temperature ranges
Storage
-55
+125
Humidity
non condensing
5
95
%
Reliability, calculated MTBF
MIL-HDBK-217F, @ +25°C, ground benign
560000
Hours
Isolation voltage
For 60 seconds(Input/Output)
1500
VDC
Isolation capacity
Input/Output
1000
pF
Isolation resistance
Input/Output (500 VDC)
1000
MΩ
On
3.0 ... 12 VDC or open circuit
Off
0 ... 1.2 VDC or short circuit pin 6 and pin 2
Remote On/Off
Off idle current:
2.5
mA
Switching frequency (fixed)
pulse width modulation PWM
400
KHz
Case material
nickel coated copper
Baseplate
non conductive FR4
Potting material
epoxy (UL 94V-0 rated)
Weight
15 g (0.53 oz)
Soldering temperature
max. 265/ 10sec


Número de pieza similar - LCD15-12S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Mate Technology C...
LCD15-12S15 P-DUKE-LCD15-12S15 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-12S15 P-DUKE-LCD15-12S15 Datasheet
443Kb / 4P
   DC-DC CONVERTER
More results

Descripción similar - LCD15-12S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com