Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5755-1ACPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5755-1ACPZ-REEL7
Descripción Electrónicos  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5755-1ACPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5755-1ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5755-1ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD5755-1
Rev. A | Page 5 of 48
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Capacitive Load Stability
10
nF
2
μF
External compensation capacitor of 220 pF connected
DC Output Impedance
0.06
Ω
DC PSRR
50
μV/V
DC Crosstalk
24
μV
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
Resolution
16
Bits
ACCURACY (EXTERNAL RSET)
Assumes ideal resistor
Total Unadjusted Error (TUE)
−0.05
±0.009
+0.05
% FSR
TUE Long-Term Stability
100
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.006
+0.006
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.05
±0.005
+0.05
% FSR
Offset Error Drift2
±4
ppm FSR/°C
Gain Error
−0.05
±0.004
+0.05
% FSR
Gain TC2
±3
ppm FSR/°C
Full-Scale Error
−0.05
±0.008
+0.05
% FSR
Full-Scale TC2
±5
ppm FSR/°C
DC Crosstalk
0.0005
% FSR
External RSET
ACCURACY (INTERNAL RSET)
Total Unadjusted Error (TUE)4, 5
−0.14
+0.14
% FSR
−0.11
±0.009
+0.11
% FSR
TA = 25°C
TUE Long-Term Stability
180
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.006
+0.006
% FSR
Relative Accuracy (INL)
−0.004
+0.004
% FSR
TA = 25°C
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error4, 5
−0.05
+0.05
% FSR
−0.04
±0.007
+0.04
% FSR
TA = 25°C
Offset Error Drift2
±6
ppm FSR/°C
Gain Error
−0.12
+0.12
% FSR
−0.06
±0.002
+0.06
% FSR
TA = 25°C
Gain TC2
±9
ppm FSR/°C
Full-Scale Error4, 5
−0.14
+0.14
% FSR
−0.1
±0.007
+0.1
% FSR
TA = 25°C
Full-Scale TC2
±14
ppm FSR/°C
DC Crosstalk5
−0.011
% FSR
Internal RSET
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
VBOOST_x
2.4
VBOOST_x
2.7
V
Output Current Drift vs. Time
Drift after 1000 hours, ¾ scale output, TJ = 150°C
90
ppm FSR
External RSET
140
ppm FSR
Internal RSET
Resistive Load
1000
Ω
The dc-to-dc converter has been characterized with
a maximum load of 1 kΩ, chosen such that compli-
ance is not exceeded; see
Figure 53 and DC-DC
MaxV bits in
Table 25
Output Impedance
100
DC PSRR
0.02
1
μA/V


Número de pieza similar - AD5755-1ACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5755-1 AD-AD5755-1 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Descripción similar - AD5755-1ACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com