Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6643BCPZRL7-200 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD6643BCPZRL7-200
Descripción Electrónicos  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6643BCPZRL7-200 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6643BCPZRL7-200 Datasheet HTML 2Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 3Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 4Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 5Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 6Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 9Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD6643
Rev. 0 | Page 6 of 36
Parameter1
Temperature
Min
Typ
Max
Unit
TWO TONE SFDR
fIN = 184.12 MHz, 187.12 MHz (−7 dBFS)
25°C
88
dBc
CROSSTALK2
Full
95
dB
FULL POWER BANDWIDTH3
25°C
400
MHz
NOISE BANDWIDTH4
25°C
1000
MHz
1 For a complete set of definitions, see the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation.
2 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.
3 Full power bandwidth is the bandwidth of operation where typical ADC performance can be achieved.
4 Noise bandwidth is the −3 dB bandwidth for the ADC inputs across which noise may enter the ADC and it is not attenuated internally.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range,
DCS enabled, default SPI, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
Input Current Level
High
Full
10
22
μA
Low
Full
−22
−10
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
SYNC INPUT
Logic Compliance
CMOS/LVDS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
Input Voltage Level
High
Full
1.2
AVDD
V
Low
Full
AGND
0.6
V
Input Current Level
High
Full
−5
+5
μA
Low
Full
−100
+100
μA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20
LOGIC INPUT (CSB)1
Input Voltage Level
High
Full
1.22
2.1
V
Low
Full
0
0.6
V
Input Current Level
High
Full
−5
+5
μA
Low
Full
−80
−45
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF
LOGIC INPUT (SCLK)2
Input Voltage Level
High
Full
1.22
2.1
V
Low
Full
0
0.6
V


Número de pieza similar - AD6643BCPZRL7-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 40P
   Dual IF Receiver
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Descripción similar - AD6643BCPZRL7-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com