Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9484BCPZ-500 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9484BCPZ-500
Descripción Electrónicos  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9484BCPZ-500 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9484BCPZ-500 Datasheet HTML 2Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 3Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 4Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9484BCPZ-500 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9484
Rev. A | Page 6 of 24
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 4.
Parameter
Temp
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
500
MSPS
Minimum Conversion Rate
Full
50
MSPS
CLK+ Pulse Width High (tCH)1
Full
0.9
11
ns
CLK+ Pulse Width Low (tCL)1
Full
0.9
11
ns
Output (LVDS—SDR)1
Data Propagation Delay (tPD)
Full
0.85
ns
Rise Time (tR) (20% to 80%)
25°C
0.15
ns
Fall Time (tF) (20% to 80%)
25°C
0.15
ns
DCO Propagation Delay (tCPD)
Full
0.6
ns
Data to DCO Skew (tSKEW)
Full
−0.07
+0.07
ns
Latency
Full
15
Clock cycles
Aperture Time (tA)
25°C
0.85
ns
Aperture Uncertainty (Jitter, tJ)
25°C
80
fs rms
1 See
.
Figure 2
Timing Diagram
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 15
N – 14
N – 13
N – 12
N – 11
CLK–
DCO+
DCO–
Dx+
Dx–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Timing Diagram


Número de pieza similar - AD9484BCPZ-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9484BCPZ-500 AD-AD9484BCPZ-500 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
More results

Descripción similar - AD9484BCPZ-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com