Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1276 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADM1276
Descripción Electrónicos  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 2Page - Analog Devices ADM1276 Datasheet HTML 3Page - Analog Devices ADM1276 Datasheet HTML 4Page - Analog Devices ADM1276 Datasheet HTML 5Page - Analog Devices ADM1276 Datasheet HTML 6Page - Analog Devices ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices ADM1276 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ADM1276
Rev. 0 | Page 6 of 48
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
GPO2/ALERT2 PIN
Output Low Voltage
VOL_GPO2
0.4
V
IGPO2 = 1 mA
1.5
V
IGPO2 = 5 mA
Leakage Current
100
nA
VGPO2 ≤ 2 V; GPO output high-Z
1
μA
VGPO2 = 20 V; GPO output high-Z
PWRGD PIN
Output Low Voltage
VOL_PWRGD
0.4
V
IPWRGD = 1 mA
1.5
V
IPWRGD = 5 mA
VCC That Guarantees Valid
Output
1
V
ISINK = 100 μA; VOL_PWRGD = 0.4 V
Leakage Current
100
nA
VPWRGD ≤ 2 V; PWRGD output high-Z
1
μA
VPWRGD = 20 V; PWRGD output high-Z
CURRENT AND VOLTAGE
MONITORING
Current Sense Absolute
Error
25 mV input range; 128 sample averaging (unless otherwise
noted)
±0.2
±0.7
%
VSENSE = 20 mV; VSENSE+ = 12 V; TA = 0°C to 65°C
±0.08
%
VSENSE = 20 mV; VSENSE+ = 12 V; TA = 25°C
±1.0
%
VSENSE = 20 mV
±0.08
%
VSENSE = 20 mV; TA = 25°C
±0.2
%
VSENSE = 20 mV; TA = 0°C to 65°C
±1.0
%
VSENSE = 20 mV; 16 sample averaging
±0.08
%
VSENSE = 20 mV; 16 sample averaging; TA = 25°C
±0.2
%
VSENSE = 20 mV; 16 sample averaging; TA = 0°C to 65°C
±2.8
%
VSENSE = 20 mV; 1 sample averaging
±0.09
%
VSENSE = 20 mV; 1 sample averaging; TA = 25°C
±0.2
%
VSENSE = 20 mV; 1 sample averaging; TA = 0°C to 65°C
±0.7
%
VSENSE = 25 mV; VSENSE+ = 12 V
±0.04
%
VSENSE = 25 mV; VSENSE+ = 12 V; TA = 25°C
±0.15
%
VSENSE = 25 mV; VSENSE+ = 12 V; TA = 0°C to 65°C
±0.75
%
VSENSE = 20 mV; VSENSE+ = 12 V
±0.8
%
VSENSE = 15 mV; VSENSE+ = 12 V
±1.1
%
VSENSE = 10 mV; VSENSE+ = 12 V
±2.0
%
VSENSE = 5 mV; VSENSE+ = 12 V
±4.3
%
VSENSE = 2.5 mV; VSENSE+ = 12 V
SENSE+/VOUT Absolute
Error
±1.0
%
Low input range; input voltage ≥ 3 V
±1.0
%
High input range; input voltage ≥ 10 V
ADC Conversion Time
Includes time for power multiplication
237
280
μs
1 sample of VIN and IOUT; from command received to valid
data in register
360
426
μs
1 sample of VIN, VOUT, and IOUT; from command received to
valid data in register
3753
4233
μs
16 samples of VIN and IOUT averaged; from command
received to valid data in register
5545
6570
μs
16 samples of VIN, VOUT, and IOUT averaged; from command
received to valid data in register
Power Multiplication Time
14
μs
ADR PIN
Address Set to 00
0
0.8
V
Connect to GND
Input Current for Address 00
−40
−22
μA
VADR = 0 V to 0.8 V
Address Set to 01
135
150
165
Resistor to GND
Address Set to 10
−1
+1
μA
No connect state; maximum leakage current allowed


Número de pieza similar - ADM1276

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Descripción similar - ADM1276

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com