Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM2682EBRIZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADM2682EBRIZ-RL7
Descripción Electrónicos  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2682EBRIZ-RL7 Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 11Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 13Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 14Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 11 of 20
Figure 15. ADM2682E Receiver Propagation Delay
Figure 16. ADM2687E Receiver Propagation Delay
Figure 17. ADM2682E Receiver Propagation Delay vs. Temperature
Figure 18. ADM2687E Receiver Propagation Delay vs. Temperature
Figure 19. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 3.3 V, Data Rate = 16 Mbps)
Figure 20. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 5 V, Data Rate = 16 Mbps)
B
A
RxD
CH1 2.0V
CH3 2.0V
CH2 2.0V
M10.00ns
A CH1
2.56V
1
3
CH1 2.0V
CH3 2.0V
CH2 2.0V
M10.00ns
A CH1
2.56V
1
3
B
A
RxD
93
92
94
95
96
97
98
–40
–15
10
35
60
85
TEMPERATURE (°C)
tRPHL
tRPLH
90
91
92
93
94
95
96
97
98
99
100
TEMPERATURE (°C)
tRPHL
tRPLH
–40
–15
10
35
60
85
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
NO LOAD
RL = 120Ω
RL = 54Ω
–40
–15
10
35
60
85
TEMPERATURE (°C)
3.26
3.27
3.28
3.29
3.31
3.33
3.35
3.30
3.32
3.34
3.36
NO LOAD
RL = 120Ω
RL = 54Ω
–40
–15
10
35
60
85
TEMPERATURE (°C)


Número de pieza similar - ADM2682EBRIZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
More results

Descripción similar - ADM2682EBRIZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com