Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXRS800 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADXRS800
Descripción Electrónicos  High Performance, SPI Digital Output, Angular Rate Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXRS800 Datasheet(HTML) 1 Page - Analog Devices

  ADXRS800 Datasheet HTML 1Page - Analog Devices ADXRS800 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance, SPI Digital Output,
Angular Rate Sensor
ADXRS800
FEATURES
Excellent null offset stability over temperature
High vibration rejection over a wide frequency range
2000 g powered shock survivability
SPI digital output with 16-bit data-word
Low noise
Continuous self-test
Fail-safe functions
Temperature sensor
3.3 V and 5 V operation
−40°C to +105°C operation
Small, low-profile industry standard SOIC package provides
yaw rate (Z-axis) response
Innovative ceramic vertical mount package (VMP) provides
pitch and roll rate response
Qualified for automotive applications
APPLICATIONS
Electronic stability control
High performance platform stabilization
GENERAL DESCRIPTION
The ADXRS800 is an angular rate sensor (gyroscope) intended
for automotive electronic stability control, vehicle rollover
detection, and other high performance applications. An advanced,
differential, quad-sensor design rejects the influence of linear
acceleration, enabling the ADXRS800 to operate in exceedingly
harsh environments where shock and vibration are present.
The ADXRS800 uses an internal, continuous self-test archi-
tecture. The integrity of the electromechanical system is checked
by applying a high frequency electrostatic force to the sense
structure to generate a rate signal that can be differentiated
from the baseband rate data and internally analyzed.
The ADXRS800 is capable of sensing an angular rate of up to
±300°/sec. Angular rate data is presented as a 16-bit word, as
part of a 32-bit SPI message.
The ADXRS800 is available in a cavity plastic SOIC-16 and
an SMT-compatible vertical mount package and is capable of
operating across both a wide voltage range (3.3 V to 5 V) and
temperature range (−40°C to 105°C).
FUNCTIONAL BLOCK DIAGRAM
SPI
INTERFACE
MISO
MOSI
SCLK
CS
HIGH VOLTAGE
GENERATION
EEPROM
PSS
CP5
AVSS
VX
LDO
REGULATOR
PDD
DVSS
DVDD
AVDD
BAND-PASS
FILTER
FAULT
DETECTION
TEMPERATURE
CALIBRATION
DECIMATION
FILTER
ALU
PHASE
LOCKED
LOOP
CLOCK
DIVIDER
DEMOD
Q FILTER
Q DAQ
P DAQ
HV DRIVE
ST
CONTROL
ADC 12
AMPLITUDE
DETECT
Z-AXIS ANGULAR
RATE SENSOR
ADXRS800
Figure 1.
For more information about the ADXRS800, please contact the Analog Devices, Inc., Customer Interaction Center at
http://www.analog.com/en/content/technical_support_page/fca.html to connect with a technical support specialist.
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.


Número de pieza similar - ADXRS800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXRS800 AD-ADXRS800 Datasheet
88Kb / 2P
   High Performance, SPI Digital Output, Angular Rate Sensor
Rev. SpB
ADXRS800 AD-ADXRS800 Datasheet
88Kb / 2P
   High Performance, SPI Digital Output Angular Rate Sensor
Rev. SpB
ADXRS800WBEYZ AD-ADXRS800WBEYZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output, Angular Rate Sensor
Rev. SpB
ADXRS800WBRGZ AD-ADXRS800WBRGZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output Angular Rate Sensor
Rev. SpB
More results

Descripción similar - ADXRS800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXRS800WBEYZ AD-ADXRS800WBEYZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output, Angular Rate Sensor
Rev. SpB
ADXRS810 AD-ADXRS810 Datasheet
616Kb / 28P
   High Performance, SPI Digital Output, Angular Rate Sensor
ADXRS800WBRGZ AD-ADXRS800WBRGZ Datasheet
88Kb / 2P
   High Performance, SPI Digital Output Angular Rate Sensor
Rev. SpB
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com