Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA305 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza TCA305
Descripción Electrónicos  Proximity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA305 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TCA305_05 Datasheet HTML 1Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 2Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 3Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 4Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 5Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 6Page - Siemens Semiconductor Group TCA305_05 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
TCA 305
TCA 355
TCA 305
TCA 355
Bipolar IC
Features
q
Lower open-loop current consumption; IS < 1 mA
q
Lower output saturation voltage
q
The temperature dependence of the switching
distance is lower and compensation of the resonant
circuit
TC (temperature coefficient) is easier
q
The sensitivity is higher, so that larger switching
distances are possible and coils of a lower quality can
be used
q
The switching hysteresis remains constant as regards
temperature, supply voltage and switching distance
q
The TCA 305 even functions without external
integrating capacitor. With an external capacitor (or
with RC combination) good noise immunity can be
achieved
q
The outputs are temporarily short-circuit proof (approx.
10 s to 1 min depending on package)
q
The outputs are disabled when VS < approx. 4.5 V and
are enabled when the oscillator stabilizes
(from VS min = 5 V)
q
Higher switching frequencies can be obtained
q
Pb-free lead plating; RoHS compliant
Proximity Switch
PG-DSO-8-1
PG-DIP-14-1
PG-DSO-14-1
Type
Ordering Code
TCA 305 A
Q67000-A2291
Package
PG-DIP-14-1
TCA 305 G
Q67000-A2305
PG-DSO-14-1 (SMD)
TCA 355 G
Q67000-A2444
PG-DSO-8-1 (SMD)
s
s Not for new design
02.05


Número de pieza similar - TCA305_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TCA305A SIEMENS-TCA305A Datasheet
112Kb / 7P
   Proximity Switch
TCA305G SIEMENS-TCA305G Datasheet
112Kb / 7P
   Proximity Switch
More results

Descripción similar - TCA305_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117066 FESTO-8117066 Datasheet
74Kb / 1P
   Proximity switch
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
logo
Festo Corporation.
8117065 FESTO-8117065 Datasheet
74Kb / 1P
   Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
   Proximity switch
7/11/22
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
   Proximity switch
7/11/22
8138000 FESTO-8138000 Datasheet
85Kb / 2P
   Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
   Proximity switch
8150173 FESTO-8150173 Datasheet
82Kb / 2P
   Proximity switch
7/11/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com