Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24M01WI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT24M01WI-GT3
Descripción Electrónicos  1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24M01WI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24M01WI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24M01WI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT24M01
http://onsemi.com
2
M0L
ALL
YM
G
M0L = Specific Device Code
A
= Assembly Location Code
LL = Assembly Lot Number
Y
= Year
M
= Month
G
= Pb−Free Package
MARKING DIAGRAMS
24M01A = Specific Device Code
A
= Assembly Location
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
XXX = Last Three Digits of
XXX = Assembly Lot Number
24M01A
AYMXXX
24M01A = Specific Device Code
A
= Assembly Location
XXX = Last Three Digits of
XXX = Assembly Lot Number
YY = Production Year (Last Two Digits)
WW = Production Week (Two Digits)
G
= Pb−Free Designator
24M01A
AXXX
YYWWG
(SOIC−8)
(UDFN−8)
(PDIP−8)
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Test Condition: Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz / 1 MHz
1
mA
ICCW
Write Current
3
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
2
mA
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
VIL1
Input Low Voltage
2.5 V ≤ VCC ≤ 5.5 V
−0.5
0.3 VCC
V
VIL2
Input Low Voltage
1.8 V ≤ VCC < 2.5 V
−0.5
0.25 VCC
V
VIH1
Input High Voltage
2.5 V ≤ VCC ≤ 5.5 V
0.7 VCC
VCC + 0.5
V
VIH2
Input High Voltage
1.8 V ≤ VCC < 2.5 V
0.75 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V


Número de pieza similar - CAT24M01WI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24M01WI-GT3 ONSEMI-CAT24M01WI-GT3 Datasheet
179Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 3
CAT24M01WI-GT3 ONSEMI-CAT24M01WI-GT3 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
More results

Descripción similar - CAT24M01WI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24M01_1110 ONSEMI-CAT24M01_1110 Datasheet
185Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAT24M01HU5I-GT3 ONSEMI-CAT24M01HU5I-GT3 Datasheet
179Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 3
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com