Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1165 Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza TC1165
Descripción Electrónicos  32-Bit Single-Chip Microcontroller TriCore
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 3Page - Infineon Technologies AG TC1165 Datasheet HTML 4Page - Infineon Technologies AG TC1165 Datasheet HTML 5Page - Infineon Technologies AG TC1165 Datasheet HTML 6Page - Infineon Technologies AG TC1165 Datasheet HTML 7Page - Infineon Technologies AG TC1165 Datasheet HTML 8Page - Infineon Technologies AG TC1165 Datasheet HTML 9Page - Infineon Technologies AG TC1165 Datasheet HTML 10Page - Infineon Technologies AG TC1165 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
TC1165/TC1166
Summary of Features
Preliminary
Data Sheet
3
V1.0, 2008-04
1
Summary of Features
The TC1165/TC1166 has the following features:
High-performance 32-bit super-scaler TriCore v1.3 CPU with 4-stage pipeline
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Single precision Floating Point Unit (FPU)
– 80 MHz operation at full temperature range
• Peripheral Control Processor with single cycle instruction (PCP2)
–8 Kbyte Parameter Memory (PRAM)
–12 Kbyte Code Memory (CMEM)
Multiple on-chip memories
–56 Kbyte Local Data Memory (SRAM)
–8 Kbyte Overlay Memory
–16 Kbyte Scratch-Pad RAM (SPRAM)
–8 Kbyte Instruction Cache (ICACHE)
– 1504 Kbyte Program Flash (for instruction code and constant data)
–32 Kbyte Data Flash (e.g. 4 Kbyte EEPROM emulation)
–16 Kbyte Boot ROM
8-channel DMA Controller
Fast-response interrupt system with 2 x 255 hardware priority arbitration levels
serviced by CPU or PCP2
High-performance on-chip bus structure
– 64-bit Local Memory Bus (LMB) to Flash memory
– System Peripheral Bus (SPB) for interconnections of functional units
Versatile on-chip Peripheral Units
– Two
Asynchronous/Synchronous
Serial
Channels
(ASCs)
with
baudrate
generator, parity, framing and overrun error detection
– Two High Speed Synchronous Serial Channels (SSCs) with programmable data
length and shift direction
– One Micro Second Bus (MSC) interface for serial port expansion to external power
devices
– Two high-speed Micro Link Interfaces (MLIs) for serial inter-processor
communication
– One MultiCAN Module with two CAN nodes and 64 free assignable message
objects for high efficiency data handling via FIFO buffering and gateway data
transfer
1)
1) Not applicable to TC1165


Número de pieza similar - TC1165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1164 INFINEON-TC1164 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1167 INFINEON-TC1167 Datasheet
796Kb / 127P
   32-Bit Single-Chip Microcontroller
V1.3 2009-10
More results

Descripción similar - TC1165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com