Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA16846-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza TDA16846-2
Descripción Electrónicos  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TDA16846-2 Datasheet HTML 4Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 5Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 6Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 7Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 8Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 9Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 10Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 11Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TDA 16846/16846-2
TDA 16847/16847-2
Version 2.0
8
31 Jul 2003
2
Functional Description
Start Up Behaviour (Pin 14)
When power is applied to the chip and the voltage
V
14 at Pin 14 (VCC) is less than the
upper threshold (
V
ON) of the Supply Voltage Comparator (SVC), then the input current
I
14 will be less than 100 µA. The chip is not active (off state) and driver output (Pin 13)
and control output (Pin 4) will be actively held low. When
V
14 exceeds the upper SVC
threshold (
V
ON) the chip starts working and I14 increases. When V14 falls below the lower
SVC threshold (
V
OFF) the chip starts again from its initial condition. Figure 4 shows the
start-up circuit and Figure 5 shows the voltage
V
14 during start up. Charging of C14 is
done by resistor
R
2 of the “Primary Current Simulation” (see later) and the internal diode
D1, so no additional start up resistor is needed. The capacitor
C
14 delivers the supply
current until the auxiliary winding of the transformer supplies the chip with current
through the external diode D14.
It is recommended to apply a small RF snubber capacitor of e.g. 100 nF parallel to the
electrolytic capacitor at pin 14 as shown in the application circuits in Figures 15, 16 , and
17.
To avoid multiple pulses during start up in fixed frequency mode (danger of transformer
saturation), the IC works in freerunning mode until the pulses at pin 3 (RZI) exceed the
2.5 V threshold (only TDA 16846-2, TDA 16847-2).
Figure 4
Startup Circuit


Número de pieza similar - TDA16846-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Descripción similar - TDA16846-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com