Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3294 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3294
Descripción Electrónicos  HIGH RELIABILITY SILICON POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3294 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3294 Datasheet HTML 1Page - Microsemi Corporation 1N3294 Datasheet HTML 2Page - Microsemi Corporation 1N3294 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
Qualified per MIL-PRF-19500/246
• Glass Passivated Die • Glass to Metal Header Construction
• VRRM to 1000V
• 1600 Amps Surge Rating
T4-LDS-0142 Rev. 1 (091785)
Page 1 of 3
DEVICES
LEVELS
1N3289
1N3294
1N3289R
1N3294R
JAN
1N3291
1N3295
1N3291R
1N3295R
JANTX
1N3293
1N3293R
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
1N3289
1N3291
1N3293
1N3294
1N3295
1N3289R
1N3291R
1N3293R
1N3294R
1N3295R
VRWM
200
400
600
800
1000
V
Average Forward Current, TC = 134°
IF
100
A
Peak Surge Forward Current @ tp = 8.3ms, half sinewave,
TC = 150°C
IFSM
1600
A
Thermal Resistance, Junction to Case
RθJC
0.4
°C/W
Operating Case Temperature Range
Tj
-65°C to 200°C
°C
Storage Temperature Range
TSTG
-65°C to 200°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 310A, TC = 25°C *
VFM
1.55
V
Reverse Current
VRM = 200, TC = 25°C
VRM = 400, TC = 25°C
VRM = 600, TC = 25°C
VRM = 800, TC = 25°C
VRM = 1000, TC= 25°C
1N3289
1N3291
1N3293
1N3294
1N3295
1N3289R
1N3291R
1N3293R
1N3294R
1N3295R
IRM
10
mA
Reverse Current
VRM = 200, TC = 200°C
VRM = 400, TC = 200°C
VRM = 600, TC = 200°C
VRM = 800, TC = 200°C
VRM = 1000, TC = 200°C
1N3289
1N3291
1N3293
1N3294
1N3295
1N3289R
1N3291R
1N3293R
1N3294R
1N3295R
IRM
30
mA
* Pulse test: Pulse width 300
μsec. Duty cycle 2%
Note:
DO-205AA (DO-8)


Número de pieza similar - 1N3294

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3294 MICROSEMI-1N3294 Datasheet
120Kb / 3P
   Silicon Power Rectifier
1N3294 MICROSEMI-1N3294 Datasheet
141Kb / 2P
   SILICON POWER RECTIFIER
logo
TRANSYS Electronics Lim...
1N3294 TEL-1N3294 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Naina Semiconductor ltd...
1N3294 NAINA-1N3294 Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Digitron Semiconductors
1N3294 DIGITRON-1N3294 Datasheet
156Kb / 3P
   HIGH POWER RECTIFIER
More results

Descripción similar - 1N3294

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N1184 MICROSEMI-1N1184_10 Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3164 MICROSEMI-1N3164_10 Datasheet
90Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N1124A MICROSEMI-1N1124A_10 Datasheet
64Kb / 3P
   HIGH RELIABILITY POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
A190N ETC2-A190N Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com