Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5114 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 2N5114
Descripción Electrónicos  P-CHANNEL J-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5114 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5114_08 Datasheet HTML 1Page - Microsemi Corporation 2N5114_08 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
P-CHANNEL J-FET
Equivalent To MIL-PRF-19500/476
T4-LDS-0006 Rev. 1 (063387)
Page 1 of 2
DEVICES
LEVELS
2N5114
MQ = JAN Equivalent
2N5115
MX = JANTX Equivalent
2N5116
MV = JANTXV Equivalent
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
All Devices
Unit
Gate-Source Voltage
(1)
VGS
30
Vdc
Drain-Source Voltage
(1)
VDS
30
Vdc
Drain-Gate Voltage
VDG
30
Vdc
Gate Current
IG
50
mAdc
Power Dissipation
TA = +25°C
(2)
PT
0.500
W
Storage Temperature Range
Tstg
-65 to +200
°C
(1) Symmetrical geometry allows operation of those units with source / drain leads interchanged.
(2) Derate linearly 3.0 mW/
°C for T
A > 25°C.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0 μA dc
V(BR)GSS
30
Vdc
Drain-Source “On” State Voltage
VGS = 0V dc, ID = -15mA dc
VGS = 0V dc, ID = -7.0mA dc
VGS = 0V dc, ID = -3.0mA dc
2N5114
2N5115
2N5116
VDS(on)
-1.3
-0.8
-0.6
Vdc
Gate Reverse Current
VDS = 0, VGS = 20V dc
IGSS
500
pAdc
Drain Current Cutoff
VGS = 12V dc, VDS = -15V dc
VGS = 7.0V dc, VDS = -15V dc
VGS = 5.0V dc, VDS = -15V dc
2N5114
2N5115
2N5116
ID(off)
-500
-500
-500
pAdc
Zero Gate Voltage Drain Current
VGS = 0, VDS = -18V dc
VGS = 0, VDS = -15V dc
VGS = 0, VDS = -15V dc
2N5114
2N5115
2N5116
IDSS
-30
-15
-5.0
-90
-60
-25
mAdc
Gate-Source Cutoff
VDS = -15, ID = -1.0nA dc
VDS = -15, ID = -1.0nA dc
VDS = -15, ID = -1.0nA dc
2N5114
2N5115
2N5116
VGS(off)
5.0
3.0
1.0
10
6.0
4.0
Vdc
TO-18
(TO-206AA)


Número de pieza similar - 2N5114_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
2N5114-16 CALOGIC-2N5114-16 Datasheet
33Kb / 2P
   P-Channel JFET Switch
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
2N5114JANTX VISHAY-2N5114JANTX Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
2N5114JANTXV VISHAY-2N5114JANTXV Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
Linear Integrated Syste...
2N5114 LINEAR-2N5114_14 Datasheet
227Kb / 2P
   SINGLE P-CHANNEL JFET SWITCH
More results

Descripción similar - 2N5114_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
   P-CHANNEL J-FET
logo
Microsemi Corporation
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
   P-CHANNEL J-FET
2N2609 MICROSEMI-2N2609 Datasheet
45Kb / 1P
   P-CHANNEL J-FET
2N2608 MICROSEMI-2N2608 Datasheet
44Kb / 1P
   P-CHANNEL J-FET
JAN2N2608 MICROSEMI-JAN2N2608 Datasheet
56Kb / 1P
   P-CHANNEL J-FET
2N5114 MICROSEMI-2N5114 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
   N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
   N-CHANNEL J-FET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com