Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1204 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1204
Descripción Electrónicos  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1204 Datasheet HTML 3Page - Texas Instruments AMC1204 Datasheet HTML 4Page - Texas Instruments AMC1204 Datasheet HTML 5Page - Texas Instruments AMC1204 Datasheet HTML 6Page - Texas Instruments AMC1204 Datasheet HTML 7Page - Texas Instruments AMC1204 Datasheet HTML 8Page - Texas Instruments AMC1204 Datasheet HTML 9Page - Texas Instruments AMC1204 Datasheet HTML 10Page - Texas Instruments AMC1204 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
NC
DVDD
CLKIN
NC
DATA
NC
DGND
AVDD
VINP
VINN
AGND
NC
(1)
NC
NC
AGND
CLKIN
DATA
t
D
t
CLK
t
HIGH
t
LOW
AMC1204
www.ti.com
SBAS512A
– APRIL 2011 – REVISED APRIL 2011
PIN CONFIGURATION
DW PACKAGE
TSSOP-16
(TOP VIEW)
(1) NC = no internal connection.
PIN DESCRIPTIONS
PIN NAME
PIN#
FUNCTION
DESCRIPTION
AVDD
1
Power
High-side power supply
VINP
2
Analog input
Noninverting analog input
VINN
3
Analog input
Inverting analog input
AGND
4, 8(1)
Power
High-side ground
DGND
9, 16
Power
Controller-side ground
DATA
11
Digital output Modulator data output
CLKIN
13
Digital input
Modulator clock input
DVDD
14
Power
Controller-side power supply
NC
5, 6, 7, 10, 12, 15
No internal connection; can be tied to any potential or left unconnected
(1)
Both pins are connected internally via a low-impedance path; thus, only one of the pins must be tied to the ground plane.
TIMING INFORMATION
Figure 1. Modulator Output Timing
TIMING CHARACTERISTICS FOR Figure 1
Over recommended ranges of supply voltage and operating free-air temperature, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLKIN clock period
45.5
50
200
ns
tHIGH
CLKIN clock high time
20
25
120
ns
tLOW
CLKIN clock low time
20
25
120
ns
tD
Delayed falling edge of CLKIN to DATA valid
2
15
ns
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AMC1204


Número de pieza similar - AMC1204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1204-Q1 TI-AMC1204-Q1 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Descripción similar - AMC1204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com