Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC4T234 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC4T234
Descripción Electrónicos  4-BIT DUAL-SUPPLY NON-INVERTING BUS TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC4T234 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC4T234 Datasheet HTML 4Page - Texas Instruments SN74AVC4T234 Datasheet HTML 5Page - Texas Instruments SN74AVC4T234 Datasheet HTML 6Page - Texas Instruments SN74AVC4T234 Datasheet HTML 7Page - Texas Instruments SN74AVC4T234 Datasheet HTML 8Page - Texas Instruments SN74AVC4T234 Datasheet HTML 9Page - Texas Instruments SN74AVC4T234 Datasheet HTML 10Page - Texas Instruments SN74AVC4T234 Datasheet HTML 11Page - Texas Instruments SN74AVC4T234 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jul-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
SN74AVC4T234ZSUR
ACTIVE
uCSP
ZSU
11
2500
Green (RoHS
& no Sb/Br)
NIAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Número de pieza similar - SN74AVC4T234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC4T234 TI1-SN74AVC4T234 Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
SN74AVC4T234ZSU TI1-SN74AVC4T234ZSU Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
SN74AVC4T234ZWA TI1-SN74AVC4T234ZWA Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
SN74AVC4T234ZWAR TI1-SN74AVC4T234ZWAR Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
SN74AVC4T234 TI1-SN74AVC4T234_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
More results

Descripción similar - SN74AVC4T234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244E ONSEMI-NLSV4T244E Datasheet
150Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2011 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com