Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22920 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22920
Descripción Electrónicos  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22920 Datasheet HTML 5Page - Texas Instruments TPS22920 Datasheet HTML 6Page - Texas Instruments TPS22920 Datasheet HTML 7Page - Texas Instruments TPS22920 Datasheet HTML 8Page - Texas Instruments TPS22920 Datasheet HTML 9Page - Texas Instruments TPS22920 Datasheet HTML 10Page - Texas Instruments TPS22920 Datasheet HTML 11Page - Texas Instruments TPS22920 Datasheet HTML 12Page - Texas Instruments TPS22920 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−40
−15
10
35
60
85
Temperature (°C)
VIN = 3.6V, CL = 0.1 µF, RL = 10 Ohms
G000
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
−40
−15
10
35
60
85
Temperature (°C)
VIN = 0.9V, CL = 0.1 µF, RL = 10 Ohms
G000
0
5
10
15
20
25
30
35
40
45
50
55
60
−40
−15
10
35
60
85
Temperature (°C)
VIN = 0.9V, CL = 0.1 µF, RL = 10 Ohms
G000
0
100
200
300
400
500
600
700
800
−40
−15
10
35
60
85
Temperature (°C)
VIN = 0.9V, CL = 0.1 µF, RL = 10 Ohms
G000
TPS22920
www.ti.com
SLVSAY8
– JUNE 2011
TYPICAL CHARACTERISTICS (continued)
FALL TIME vs
TURN-ON TIME vs
TEMPERATURE
TEMPERATURE
Figure 12.
Figure 13.
TURN-OFF TIME vs
RISE TIME vs
TEMPERATURE
TEMPERATURE
Figure 14.
Figure 15.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22920


Número de pieza similar - TPS22920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22920LYZPT TI1-TPS22920LYZPT Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Descripción similar - TPS22920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com