Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS24701DGK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS24701DGK
Descripción Electrónicos  2.5-V to 18-V High-Efficiency Hot-Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24701DGK Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS24701DGK Datasheet HTML 2Page - Texas Instruments TPS24701DGK Datasheet HTML 3Page - Texas Instruments TPS24701DGK Datasheet HTML 4Page - Texas Instruments TPS24701DGK Datasheet HTML 5Page - Texas Instruments TPS24701DGK Datasheet HTML 6Page - Texas Instruments TPS24701DGK Datasheet HTML 7Page - Texas Instruments TPS24701DGK Datasheet HTML 8Page - Texas Instruments TPS24701DGK Datasheet HTML 9Page - Texas Instruments TPS24701DGK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LIM
SENSE
25 mV
I
=
R
TPS24700
TPS24701
SLVSAL3B
– MARCH 2011 – REVISED MAY 2011
www.ti.com
DETAILED PIN DESCRIPTIONS
The following description relies on the typical application diagram shown on the front page of this data sheet, as
well as the functional block diagram of Figure 4.
EN: Applying a voltage of 1.35 V or more to this pin enables the gate driver. The addition of an external resistor
divider allows the EN pin to serve as an undervoltage monitor. Cycling EN low and then back high resets a
TPS24700 that has latched off due to a fault condition. This pin should not be left floating.
GATE: This pin provides gate drive to the external MOSFET. A charge pump sources 30
µA to enhance the
external MOSFET. A 13.9-V clamp between GATE and VCC limits the gate-to-source voltage, because VVCC is
very close to VOUT in normal operation. During start-up, a transconductance amplifier regulates the gate voltage
of M1 to provide inrush current limiting. The TIMER pin charges timer capacitor CT during the inrush. Inrush
current limiting continues until the V(GATE–VCC) exceeds the Timer Activation Voltage (6 V for VVCC = 12 V). Then
the TPS24700/1 enters into circuit-breaker mode. The Timer Activation Voltage is defined as a threshold voltage.
When V(GATE-VCC) exceeds this threshold voltage, the inrush operation is finished and the TIMER stops sourcing
current and begins sinking current. In the circuit-breaker mode, the current flowing in RSENSE is compared with
the current-limit threshold derived from Equation 1. If the current flowing in RSENSE exceeds the current limit
threshold, then MOSFET M1 is turned off. The GATE pin is disabled by the following three mechanisms:
1. GATE is pulled down by an 11-mA current source when
– The fault timer expires during an overload current fault (VSENSE > 25 mV)
– VEN is below its falling threshold
– VVCC drops below the UVLO threshold
2. GATE is pulled down by a 1-A current source for 13.5
µs when a hard output short circuit occurs and
V(VCC–SENSE) is greater than 60 mV, i.e., the fast-trip shutdown threshold. After fast-trip shutdown is complete,
an 11-mA sustaining current ensures that the external MOSFET remains off.
3. GATE is discharged by a 20-k
Ω resistor to GND if the chip die temperature exceeds the OTSD rising
threshold.
GATE remains low in latch mode (TPS24700) and attempts a restart periodically in retry mode (TPS24701).
If used, any capacitor connecting GATE and GND should not exceed 1
μF and it should be connected in series
with a resistor of no less than 1 k
Ω. No external resistor should be directly connected from GATE to GND or from
GATE to OUT.
GND: This pin is connected to system ground.
OUT: This pin allows the controller to measure the drain-to-source voltage across the external MOSFET M1. The
power-good indicator (PGb) relies on this information. The OUT pin should be protected from negative voltage
transients by a clamping diode or sufficient capacitors. A Schottky diode of 3 A / 40 V in an SMC package is
recommended as a clamping diode for high-power applications. The OUT pin should be bypassed to GND with a
low-impedance ceramic capacitor in the range of 10 nF to 1
μF.
PGb: This active-low, open-drain output is intended to interface to downstream dc/dc converters or monitoring
circuits. PGb pulls low after the drain-to-source voltage of the FET has fallen below 170 mV and a 3.4-ms
deglitch delay has elapsed. It goes open-drain when VDS exceeds 240 mV. PGb assumes high-impedance
status after a 3.4-ms deglitch delay once VDS of M1 rises up, resulting from GATE being pulled to GND at any of
the following conditions:
An overload current fault occurs (VSENSE > 25 mV).
A hard output short circuit occurs, leading to V(VCC–SENSE) greater than 60 mV, i.e., the fast-trip shutdown
threshold has been exceeded.
VEN is below its falling threshold.
VVCC drops below the UVLO threshold.
Die temperature exceeds the OTSD threshold.
SENSE: This pin connects to the negative terminal of RSENSE. It provides a means of sensing the voltage across
this resistor, as well as a way to monitor the drain-to-source voltage across the external FET. The current limit
ILIM is set by Equation 1.
(1)
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS24700 TPS24701


Número de pieza similar - TPS24701DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Descripción similar - TPS24701DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com