Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS24720RGTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS24720RGTR
Descripción Electrónicos  2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24720RGTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS24720RGTR Datasheet HTML 3Page - Texas Instruments TPS24720RGTR Datasheet HTML 4Page - Texas Instruments TPS24720RGTR Datasheet HTML 5Page - Texas Instruments TPS24720RGTR Datasheet HTML 6Page - Texas Instruments TPS24720RGTR Datasheet HTML 7Page - Texas Instruments TPS24720RGTR Datasheet HTML 8Page - Texas Instruments TPS24720RGTR Datasheet HTML 9Page - Texas Instruments TPS24720RGTR Datasheet HTML 10Page - Texas Instruments TPS24720RGTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPS24720
www.ti.com
SLVSAL1B
– MARCH 2011 – REVISED MAY 2011
PIN FUNCTIONS (continued)
NAME
PIN
I/O
DESCRIPTION
Latch or retry mode select input. Latch when floating or connected to a logic-level voltage; retry when
LATCH
14
I
connected to GND.
OUT
8
I
Output voltage sensor for monitoring MOSFET power.
Overvoltage comparator input. Connects to resistor divider. GATE is pulled low when OV exceeds the
OV
5
I
threshold.
PGb
15
O
Active-low, open-drain power-good indicator. Status is determined by the voltage across the MOSFET.
Power-limiting programming pin. A resistor from this pin to GND sets the maximum power dissipation for the
PROG
2
I
FET.
SENSE
11
I
Current-sensing input for resistor shunt from VCC to SENSE.
SET
7
I
Current-limit programming set pin. A resistor is connected from this pin to VCC.
TIMER
3
I/O
A capacitor connected from this pin to GND provides a fault timing function.
VCC
12
I
Input-voltage sense and power supply
Thermal
Tied to GND
pad
DETAILED PIN DESCRIPTIONS
The following description relies on the typical application diagram shown on the front page of this data sheet, as
well as the functional block diagram in Figure 5.
EN: Applying a voltage of 1.35 V or more to this pin enables the gate driver. The addition of an external resistor
divider allows the EN pin to serve as an undervoltage monitor. Cycling EN low and then back high resets the
TPS24720 that has latched off due to a fault condition. This pin should not be left floating.
ENSD: When this pin is pulled low, it shuts off all internal circuitry and thus places the device in a low-current
standby mode. While in standby, the PGb, FLTb, and FFLTb outputs assume high-impedance states. A 20-k
Ω
resistor pulls GATE to GND in standby. This is a much weaker pulldown than the 11 mA drawn while the part is
disabled (e.g., by EN, UVLO, OV, or overload fault current). Applications requiring rapid turnoff should disable
the device using the EN pin before pulling ENSD low. This pin is preferably pulled up to a positive voltage from
2 V to 18 V, if not otherwise connected.
FFLTb: This active-low open-drain output pulls low if VVCC is higher than the UVLO rising threshold and the
voltage on the IMON pin exceeds 103 mV when EN is disabled. The presence of this voltage indicates that
current continues to flow through the external circuitry even though the external MOSFET has been turned off.
This presumably indicates a shorted MOSFET. FFLTb assumes a high impedance if one of the following
conditions occurs:
ENSD is pulled low.
Temperature on the die exceeds the OTSD shutdown threshold.
VVCC drops below the UVLO falling threshold.
FFLTb also asserts if VVCC is higher than the UVLO rising threshold, GATE is disabled by OV, and the voltage on
the IMON pin exceeds 103 mV. This pin can be left floating when not used.
FLTb: This active-low open-drain output pulls low when the TPS24720 has remained in current limit long enough
for the fault timer to expire. The behavior of the FLTb pin depends on the status of the LATCH pin. If the LATCH
pin is held high or left floating, the TPS24720 operates in latch mode. If the LATCH pin is held low, the
TPS24720 operates in retry mode. In latch mode, a fault timeout disables the external MOSFET and holds FLTb
low. The latched mode of operation is reset by cycling EN, VCC, or ENSD. In retry mode, a fault timeout first
disables the external MOSFET, next waits sixteen cycles of TIMER charging and discharging, and finally
attempts a restart. This process repeats as long as the fault persists. In retry mode, the FLTb pin is pulled low
whenever the external MOSFET is disabled by the fault timer. In a sustained fault, the FLTb waveform becomes
a train of pulses. The FLTb pin does not assert if the external MOSFET is disabled by EN, ENSD, OV,
overtemperature shutdown, or UVLO. This pin can be left floating when not used.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS24720


Número de pieza similar - TPS24720RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGK TI1-TPS24700DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGKR TI1-TPS24700DGKR Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701 TI1-TPS24701 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701DGK TI1-TPS24701DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results

Descripción similar - TPS24720RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com