Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A26746EYZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3A26746EYZPR
Descripción Electrónicos  2 X 2 Crosspoint Switch for Audio Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A26746EYZPR Datasheet(HTML) 5 Page - Texas Instruments

  TS3A26746EYZPR Datasheet HTML 1Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 2Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 3Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 4Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 5Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 6Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 7Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 8Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS3A26746E
www.ti.com
SCDS313A
– FEBRUARY 2011 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
(1) (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
VIH
Input logic high
Full
3.6 V
1.2
3.6
V
VIL
Input logic low
Full
3.6 V
0
0.4
V
25
°C
3.6 V
–1
0.05
1
Input logic high
IIH
VI = V+
μA
leakage current
Full
–2
2
25
°C
3.6 V
–38
–36
–34
Input logic low
IIL
VI = 0 V
μA
leakage current
Full
–45
–30
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TS3A26746E


Número de pieza similar - TS3A26746EYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
More results

Descripción similar - TS3A26746EYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com