Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M1.5KE150A Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza M1.5KE150A
Descripción Electrónicos  Unidirectional and Bidirectional Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1.5KE150A Datasheet(HTML) 1 Page - Microsemi Corporation

  M1.5KE150A Datasheet HTML 1Page - Microsemi Corporation M1.5KE150A Datasheet HTML 2Page - Microsemi Corporation M1.5KE150A Datasheet HTML 3Page - Microsemi Corporation M1.5KE150A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
RF01008 Rev C, September 2010
High Reliability Product Group
Page 1 of 4
DEVICES
M1.5KE6.8A thru M1.5KE400CA, e3
LEVELS
M, MA, MX, MXL
FEATURES
High reliability controlled devices with wafer fabrication and assembly lot traceability
100 % surge tested devices
Suppresses transients up to 1500 watts @ 10/1000 µs
Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes specify
various screening and conformance inspection options based on MIL-PRF-19500. Refer to MicroNote
129 for more details on the screening options.
Surface mount equivalent packages are available as MSMC(G)(J)5.0A - SMC(G)(J)170CA
(consult factory for other surface mount options)
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
RoHS Compliant devices
available by adding “e3” suffix
3σ lot norm screening performed on Standby Current I
D
APPLICATIONS / BENEFITS
Protection from switching transients and induced RF
Protection from ESD and EFT per IEC 61000-4-2 and IEC 61000-4-4 with fast response
Secondary lightning protection per IEC 61000-4-5 with 42 Ohms source impedance:
o
Class 1: M1.5KE6.8A to M1.5KE200CA
o
Class 2: M1.5KE5.0A to M1.5KE180CA
o
Class 3: M1.5KE5.0A to M1.5KE91CA
o
Class 4: M1.5KE5.0A to M1.5KE43CA
Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
o
Class 1 : M1.5KE5.0A to M1.5KE110CA
o
Class 2: M1.5KE5.0A to M1.5KE56CA
o
Class 3: M1.5KE5.0A to M1.5KE27ACA
o
Class 4: M1.5KE5.0A to M1.5KE13CA
Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
o
Class 2: M1.5KE5.0A to M1.5KE24CA
o
Class 3: M1.5KE5.0A to M1.5KE12CA
MAXIMUM RATINGS
Peak Pulse Power dissipation at 25
ºC: 1500 watts at 10/1000 μs (also see Figures 1, 2, and 3) with
impulse repetition rate (duty factor) of 0.01 % or less
tclamping (0 volts to VBR min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65
ºC to +150 ºC
Thermal Resistance: 22
ºC/W junction to lead at 3/8 inch (10 mm) from body, or 82 ºC/W junction to
ambient when mounted on FR4 PC board with 4 mm
2 copper pads (1oz) and track width 1 mm, length 25
mm
Steady-State Power dissipation: 5 watts at TL = 40
ºC, or 1.52 watts at T
A = 25
ºC when mounted on FR4
PC board described for thermal resistance
Forward Surge: 200 Amps peak impulse of 8.3 ms half-sine wave at 25ºC (unidirectional only).
Solder temperatures: 260
ºC for 10 s (maximum)
CASE 1
Unidirectional and Bidirectional
Transient Voltage Suppressor
- High Reliability controlled devices
- Economical series for thru hole mounting
- Unidirectional (A) and Bidirectional (CA) construction
- Selections for 5.8 V to 324 V standoff voltages (VWM)


Descripción similar - M1.5KE150A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com