Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD05 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SD05
Descripción Electrónicos  300W Transient Voltage Suppressors Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD05 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SD05
VOLTAGE: 5V
300W Transient Voltage Suppressors Diode
SOD-323 ( SC-76 )
FEATURES
. 300 Watts peak pulse power ( t = 8 / 20 µs )
. Small package for use in portable electronics
. Suitable replacement for MLV’s in ESD protection
applications
. Protects one I/O or power line
. Low clamping voltage
. Low leakage current
. Solid-state silicon-avalanche technology
APPLICATIONS
. Cell Phone Handsets and Accessories
. Microprocessor based equipment
. Personal Digital Assistants ( PDA’s )
. Notebooks, Desktops, and Servers
. Portable Instrumentation
. Pagers Peripherals
MECHANICAL DATA
. CASE: SOD-323 ( SC-76 ), Molded Plastic
. TERMINALS: UL 94V-0
. POLARITY: See Diagrams Below
. WEIGHT: 0.0045 gram
. MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUE
UNITS
Peak Pulse Power ( tP = 8 / 20 µs )
PPK
300
W
ESD Voltage ( HBM Waveform per IEC 61000-4-2 )
VESD
30
kV
Lead Soldering Temperature
TL
260 ( 10 sec. )
Operating Temperature Range
TJ
-55 ~ +125
Storage Temperature Range
TSTG
-55 ~ +150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 3
K
A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free


Número de pieza similar - SD05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SHIKUES Electronics
SD05 SKTECHNOLGY-SD05 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
logo
ON Semiconductor
SD05 ONSEMI-SD05 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
AiT Semiconductor Inc.
SD05 AITSEMI-SD05 Datasheet
372Kb / 5P
   350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
150Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results

Descripción similar - SD05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
   Transient Voltage Suppressors Diode
logo
Jinan Gude Electronic D...
P6KE JGD-P6KE Datasheet
363Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
SeCoS Halbleitertechnol...
ESD12R SECOS-ESD12R Datasheet
230Kb / 2P
   240W Transient voltage suppressors Diode
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
   120W Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com