Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7806 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SI7806
Descripción Electrónicos  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7806 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SI7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-Jun-2002 Rev. A
Page 5 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
250
-2.2
1.8
_
_
_
_
_
0.5
110
2
uA
VN
_
69
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
17.46
V
RR
VIN=27V,IO=500mA,Tj=25
21V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7818 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=27V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
17.1
18
18.54
18.9
VO
(Line Regulation)
VO
(Load Regulation)
_
180
90
_
180
90
24V VIN 30V,IO=500mA
5mA IO
1A,
21V VIN 33V,IO=500mA,
IQ
IQ
mA
1.3
_
_
21V VIN 33V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
22V VIN 32V,f=120Hz,
C
o
VIN 33V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=27V,
Tj=25C
o
250mA IO 750mA,
VIN=27V,
Tj=25 C
o
VIN=27V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=27V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-2.8
1.8
_
_
_
_
_
0.5
170
2
uA
VN
_
66
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
23.28
V
RR
VIN=33V,IO=500mA,Tj=25
27V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7824 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=33V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
22.8
24
24.72
25.2
VO
(Line Regulation)
VO
(Load Regulation)
_
240
120
_
240
120
30V VIN 36V,IO=500mA
5mA IO
1A,
27V VIN 38V,IO=500mA,
IQ
IQ
mA
1.0
_
_
28V VIN 38V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
28V VIN 38V,f=120Hz,
C
o
VIN 38V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=33V,
Tj=25C
o
250mA IO 750mA,
VIN=33V,
Tj=25 C
o
VIN=33V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=33V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
_
_
≤ ≤
≤ ≤


Número de pieza similar - SI7806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806ADN VISHAY-SI7806ADN_V01 Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806BDN VISHAY-SI7806BDN Datasheet
107Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 08-May-06
SI7806BDN-T1-E3 VISHAY-SI7806BDN-T1-E3 Datasheet
107Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 08-May-06
More results

Descripción similar - SI7806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com