Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM120MH Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SM120MH Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page SM120MH~SM1100MH 20 ~ 100 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers Elektronische Bauelemente 16-Jul-2010 Rev. B Page 1 of 2 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. Cathode Anode RoHS Compliant Product A suffix of “-C” specifies halogen-free and RoHS Compliant FEATURES Batch process design, excellent power dissipation offers. better reverse leakage current and thermal resistance. Low profile surface mounted application. in order to optimize board space. Low power loss and low forward voltage drop High surge, high current capability, and high efficiency. Fast switching for high efficiency. Guard-ring for overvoltage protection. Ultra high-speed switching Silicon epitaxial planar chip, metal silicon junction. PACKAGING INFORMATION Small plastic SMD package. Case: Molded plastic Epoxy: UL94-V0 rate flame retardant Weight: 0.0110 g (Approximately) MARKING CODE Part Number Marking Code Part Number Marking Code SM120MH 12 SM160MH 16 SM130MH 13 SM180MH 18 SM140MH 14 SM1100MH 10 SM150MH 15 MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.) PARAMETERS SYMBOL PART NUMBERS UNITS TESTING CONDITIONS SM 120 MH SM 130 MH SM 140 MH SM 150 MH SM 160 MH SM 180 MH SM 1100 MH Recurrent Peak Reverse Voltage (Max.) VRRM 20 30 40 50 60 80 100 V RMS Voltage (Max.) VRMS 14 21 28 35 42 56 70 V Reverse Voltage (Max.) VR 20 30 40 50 60 80 100 V Forward Voltage (Max.) VF 0.50 0.70 0.85 V Forward Rectified Current (Max.) IO 1.0 A See Fig.1 Peak Forward Surge Current IFSM 25 A 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Reverse Current (Max.) IR 0.5 mA VR=VRRM, Ta=25°C 10 VR=VRRM, Ta=125°C Thermal Resistance (Typ.) RJA 98 °C/W Junction to ambient Diode Junction Capacitance (Typ.) CJ 120 pF f=1MHz and applied 4V DC reverse voltage Storage and Operating Temperature Range TSTG, TJ -65 ~ 175, -55 to 125 -65 ~ 175, -55 to 150 °C REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 3.30 3.70 D 3.10 (MAX.) B 1.50 1.90 E 0.80 (TYP.) C 0.60 1.00 F 0.30 (TYP.) E E F B C D A SOD-123MH |
Número de pieza similar - SM120MH |
|
Descripción similar - SM120MH |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |