Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28118 Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28118
Descripción Electrónicos  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28118_11 Datasheet HTML 5Page - Intersil Corporation ISL28118_11 Datasheet HTML 6Page - Intersil Corporation ISL28118_11 Datasheet HTML 7Page - Intersil Corporation ISL28118_11 Datasheet HTML 8Page - Intersil Corporation ISL28118_11 Datasheet HTML 9Page - Intersil Corporation ISL28118_11 Datasheet HTML 10Page - Intersil Corporation ISL28118_11 Datasheet HTML 11Page - Intersil Corporation ISL28118_11 Datasheet HTML 12Page - Intersil Corporation ISL28118_11 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL28118, ISL28218
9
FN7532.2
May 16, 2011
FIGURE 9. ISL28218 TCVOS vs NUMBER OF AMPLIFIERS ±15V
FIGURE 10. ISL28218 TCVOS vs NUMBER OF AMPLIFIERS ±5V
FIGURE 11. VOS vs TEMPERATURE
FIGURE 12. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
FIGURE 13. IBIAS vs VS
FIGURE 14. IBIAS vs TEMPERATURE vs SUPPLY
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0
5
10
15
20
25
30
TCVOS (µV/C)
VS = ±15V
TCVOS (µV/C)
0
5
10
15
20
25
30
35
VS = ±5V
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
VS = ±5V
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
-400
-300
-200
-100
0
100
200
300
400
-16
-15
-14
-13 13
14
15
16
-40°C
+25°C
+125°C
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
2 4 6 8 101214161820 22 2426 283032 3436 3840
VS (V)
-400
-350
-300
-250
-200
-150
TEMPERATURE (°C)
-40
-20
0
20406080
100
120
VS = ±2.25V
VS = ±5V
VS = ± 15V
VS = ±20V
VS = +2V/-1V


Número de pieza similar - ISL28118_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
More results

Descripción similar - ISL28118_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 22P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com