Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM140G-12 Datasheet(PDF) 4 Page - Seme LAB

No. de pieza LM140G-12
Descripción Electrónicos  1 AMP POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM140G-12 Datasheet(HTML) 4 Page - Seme LAB

  LM140G-12 Datasheet HTML 1Page - Seme LAB LM140G-12 Datasheet HTML 2Page - Seme LAB LM140G-12 Datasheet HTML 3Page - Seme LAB LM140G-12 Datasheet HTML 4Page - Seme LAB LM140G-12 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX of 20W ,
IMAX = 1.0A.
3) TJ = 25°C unless otherwise stated.
VO
Output Voltage
VO
Low Supply
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit Current
Ipk
Peak Output Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IP7815A
IP7815
LM,IP140A–15
LM,IP140–15
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
IO = 1A
VIN = 23V
IO = 5mA to IMAX
PD £ PMAX
VIN = 17.9V to 30V TJ = -55 to 150°C
IO = 5mA to IMAX
PD £ PMAX
VIN = 17.5V to 30V
VIN = 17.5V to 30V
IO = 0.5 IMAX
VIN = 17.9V to 30V
TJ = -55 to 150°C
IO £ IMAX
VIN = 17.5V to 30V
VIN = 20V to 26V
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = 23V
IO = 250mA to 750mA
VIN = 23V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ IMAX
VIN = 23V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = 23V
IO £ IMAX
VIN = 17.9V to 30V
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = 18.5V to 30V
IO £ 0.5 IMAX
VIN = 17.5V to 30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = 23V
f = 120Hz
IO £ IMAX
VIN = 18.5V to
IO £ 0.5 IMAX
28.5V
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = 35V
VIN = 23V
IO = 5mA
IO £ IMAX
14.4
15
15.60
14.25
15.75
14.25
15.75
150
150
150
60
75
150
75
150
6
7
0.5
0.8
0.8
1
90
60
60
2
9
0.6
1.2
2.4
3.3
1.8
17.7
14.85
15
15.15
14.55
15.45
14.25
15.45
422
422
422
210
530
12
35
421
975
46
4
6.5
0.2
0.5
0.1
0.8
0.1
0.8
0.2
1
90
600
60
70
60
70
2
2.5
9
0.6
1.2
2.4
3.3
0.6
6
17.5
V
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V


Número de pieza similar - LM140G-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
LM140 NSC-LM140 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
More results

Descripción similar - LM140G-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com