Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ11028 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza MJ11028
Descripción Electrónicos  COMPLEMENTARY DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MJ11028 Datasheet(HTML) 2 Page - Seme LAB

  MJ11028 Datasheet HTML 1Page - Seme LAB MJ11028 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 2/96
LAB
SEME
NPN
MJ11028
MJ11030
MJ11032
PNP
MJ11029
MJ11031
MJ11033
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100mA
IB = 0
VCE = 60V
RBE = 1kW
TC = 150°C
VCE = 90V
RBE = 1kW
TC = 150°C
VCE = 120V
RBE = 1kW
TC = 150°C
VBE = 5V
IC = 0
VCE = 50V
IB = 0
VCE = 5V
IC = 25A
VCE = 5V
IC = 50A
IC = 25A
IB = 250mA
IC = 50A
IB = 500mA
IC = 25A
IB = 200mA
IC = 50A
IB = 300mA
60
90
120
2
10
2
10
2
10
5
2
1000
18000
400
2.5
3.5
3.0
4.5
MJ11028 , MJ11029
MJ11030 , MJ11031
MJ11032 , MJ11033
MJ11028 , MJ11029
MJ11030 , MJ11031
MJ11032 , MJ11033
Collector – Emitter
Breakdown Voltage
Collector – Emitter
Leakage Current
Emitter Cut–Off Current
Collector – Emitter
Leakage Current
DC Current Gain
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
V(BR)CEO*
ICER
IEBO
ICEO
hFE*
VCE(sat)*
VBE(sat)*
V
mA
mA
mA
V
V
OFF CHARACTERISTICS
ON CHARACTERISTICS
* Pulse Test: tp £ 300µs, d£ 2%.
Figure 1 – DC Safe Operating Area
Figure 2 – DC Current Gain
Figure 3 – “ON” Voltage


Número de pieza similar - MJ11028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ11028 MOSPEC-MJ11028 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
MJ11028 ONSEMI-MJ11028 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
Inchange Semiconductor ...
MJ11028 ISC-MJ11028 Datasheet
51Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Descripción similar - MJ11028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
   Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
   Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
   Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com