Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28118MUZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL28118MUZ
Descripción Electrónicos  40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118MUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28118MUZ Datasheet HTML 4Page - Intersil Corporation ISL28118MUZ Datasheet HTML 5Page - Intersil Corporation ISL28118MUZ Datasheet HTML 6Page - Intersil Corporation ISL28118MUZ Datasheet HTML 7Page - Intersil Corporation ISL28118MUZ Datasheet HTML 8Page - Intersil Corporation ISL28118MUZ Datasheet HTML 9Page - Intersil Corporation ISL28118MUZ Datasheet HTML 10Page - Intersil Corporation ISL28118MUZ Datasheet HTML 11Page - Intersil Corporation ISL28118MUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL28118M
8
FN7858.0
May 11, 2011
FIGURE 15. OPEN-LOOP GAIN, PHASE vs FREQUENCY, VS = ±15V
FIGURE 16. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 17. GAIN vs FREQUENCY vs RL, VS = ±15V
FIGURE 18. GAIN vs FREQUENCY vs RL, VS = ±5V
FIGURE 19. GAIN vs FREQUENCY vs OUTPUT VOLTAGE
FIGURE 20. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
1m
1
10 100 1k 10k 100k 1M 10M100M 1G
FREQUENCY (Hz)
0.1
GAIN
VS = ±15V
RL = 1MΩ
PHASE
0.01
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RF = 0, RG = ∞
ACL = 1
ACL = 10
ACL = 100
ACL = 1000
RF = 10kΩ, RG = 10Ω
RF = 10kΩ, RG = 100Ω
RF = 10kΩ, RG = 1kΩ
VS = ±5V & ±15V
CL = 4pF
VOUT = 100mVP-P
RL = 2k
100
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±15V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 1k
RL = 499
RL = 100
RL = 49.9
RL = OPEN, 100k, 10k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 49.9
RL = 100
RL = 499
RL = OPEN, 100k, 10k
RL = 1k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
RL = INF
CL = 4pF
VOUT = 1VP-P
VOUT = 500mVP-P
VOUT = 100mVP-P
VOUT = 10mVP-P
VOUT = 50mVP-P
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±15V
VS = ±1.5V
VS = ±5V


Número de pieza similar - ISL28118MUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28118MUZ RENESAS-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118MUZ INTERSIL-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
More results

Descripción similar - ISL28118MUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com