Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ11031 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza MJ11031
Descripción Electrónicos  COMPLEMENTARY DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MJ11031 Datasheet(HTML) 1 Page - Seme LAB

  MJ11031 Datasheet HTML 1Page - Seme LAB MJ11031 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim. 2/96
LAB
SEME
NPN
MJ11028
MJ11030
MJ11032
PNP
MJ11029
MJ11031
MJ11033
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCEO
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
ICM
Peak Collector Current
IB
Base Current
Ptot
Total Dissipation at Tcase = 25°C
Derate above 25°C
TSTG , TJ
Operating and Storage Junction Temperature Range
60V
60V
90V
90V
120V
120V
MJ11028
MJ11029
MJ11030
MJ11031
MJ11032
MJ11033
5V
50A
100A
2A
300W
1.71W/°C
–55 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
12
10.92
(0.430)
25.4
(1.0)
4.0 ± 0.1
(0.157 ± 0.004)
1.57
(0.062)
11.65 ± 0.35
(0.459 ± 0.014)
+0.016
–0
(0.161
)
4.1
+0.4
–0
9.0
(0.354)
0.127
(0.005)
unless otherwise stated
Tolerance ±
COMPLEMENTARY
DARLINGTON
POWER TRANSISTOR
FEATURES
• HIGH DC CURRENT GAIN
HFE = 1000 Min @ IC = 25A
HFE = 400 Min 0@ IC = 50A
• CURVES TO 100A (Pulsed)
• DIODE PROTECTION TO RATED IC
• MONOLITHIC CONSTRUCTION WITH
BUILT-IN BASE – EMITTER SHUNT RESISTOR
• JUNCTION TEMPERATURE TO +200°C
Pin 1 – Base
TO–3
Pin 2 – Emitter
Case – Collector
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
APPLICATIONS
For use as output devices in complementary
general purpose amplifier applications.


Número de pieza similar - MJ11031

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ11031 MOSPEC-MJ11031 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11031 MOTOROLA-MJ11031 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11031 ONSEMI-MJ11031 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Inchange Semiconductor ...
MJ11031 ISC-MJ11031 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Descripción similar - MJ11031

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
   Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
   Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
   Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com