Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB30-40AM Datasheet(PDF) 2 Page - Seme LAB

No. de pieza SB30-40AM
Descripción Electrónicos  DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB30-40AM Datasheet(HTML) 2 Page - Seme LAB

  SB30-40AM Datasheet HTML 1Page - Seme LAB SB30-40AM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
both diodes 1.4
per diode 2.3
1.3
SB30-45M
SB30-45AM
SB30-45RM
SB30-40M
SB30-40AM
SB30-40RM
LAB
SEME
Prelim.4/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IR
Reverse Current
Cd
Junction Capacitance
IF = 15A
TJ = 125°C
IF = 20A
TJ = 25°C
VR = VRRM
TJ = 100°C
VR = VRRM
TJ = 25°C
VR = 5 Vf = 1 MHz
0.6
0.8
30
500
500
V
mA
mA
pF
ELECTRICAL CHARACTERISTICS (Per Diode)(TCASE = 25°C unless otherwise stated
Parameter
.
Unit
RTH(j-a)
Maximum Thermal Resistance Junction To Case
RTH(j-c)
Maximum Thermal Resistance Junction To Case
°C/W
°C/W
Pulse test tp=300µs
d£2%


Número de pieza similar - SB30-40AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SB30-40AM SEME-LAB-SB30-40AM Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
More results

Descripción similar - SB30-40AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M_03 Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
SB30-100MSMD SEME-LAB-SB30-100MSMD Datasheet
25Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
SB16-100SMD SEME-LAB-SB16-100SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
SBR1645-T254 SEME-LAB-SBR1645-T254 Datasheet
13Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com