Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSC0502330YZF-44 Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza SSC0502330YZF-44
Descripción Electrónicos  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0502330YZF-44 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0502330YZF-44 Datasheet HTML 1Page - Superworld Electronics SSC0502330YZF-44 Datasheet HTML 2Page - Superworld Electronics SSC0502330YZF-44 Datasheet HTML 3Page - Superworld Electronics SSC0502330YZF-44 Datasheet HTML 4Page - Superworld Electronics SSC0502330YZF-44 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +95°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 35% Max.
a) Temp. rise : 40°C Max. at rated current
SMD POWER INDUCTORS
SSC0502 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.10.2010
SSC0502680YZF-
SSC0502101YZF-
SSC0502820YZF-
SSC0502180YZF-
SSC0502560YZF-
SSC0502470YZF-
SSC0502390YZF-
SSC0502330YZF-
SSC0502270YZF-
SSC0502220YZF-
SSC05028R9YZF-
SSC0502150YZF-
SSC0502120YZF-
SSC0502100YZF-
SSC05026R2YZF-
SSC05025R4YZF-
SSC05024R1YZF-
Part No.
0.43
840
0.5V / 10K
68.0 ±30%
±30%
100.0
±30%
82.0
0.5V / 10K
0.5V / 10K
1200
978
0.36
0.41
±30%
18.0
210
0.5V / 10K
0.85
47.0 ±30%
±30%
56.0
±30%
39.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
±30%
±30%
33.0
27.0
±30%
22.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
595
665
520
0.54
0.50
0.57
385
330
290
0.65
0.75
0.80
0.5V / 10K
8.9 ±30%
12.0 ±30%
±30%
15.0
±30%
10.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
5.4 ±30%
±30%
6.2
±30%
4.1
0.5V / 10K
0.5V / 10K
0.5V / 10K
1.25
116
153
196
124
1.10
0.97
1.20
96
76
57
1.40
1.60
1.95
Inductance
( µH )
Test
Frequency
( Hz )
Max.
RDC
Max.
( m )
IDC
( A )


Número de pieza similar - SSC0502330YZF-44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSC0502330YZF SUPERWORLD-SSC0502330YZF Datasheet
401Kb / 5P
   SMD POWER INDUCTORS
More results

Descripción similar - SSC0502330YZF-44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com